Electronic Components Datasheet Search
  English  ▼

X  

IS357 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS357
Description  TRANSISTOR OPTOCOUPLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS357 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS357 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS357 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Isocom Ltd reserves the right to change the details on this specification without notice. Please consult Isocom Ltd prior to use.
Isocom Ltd cannot accept liability for any errors or omissions.
For sales enquiries, or further information, please contact our sales office at :
Isocom Ltd, Hutton Close, Crowther Industrial Estate, District 3, Washington, NE38 0AH
Tel: +44 0191 4166 546 Fax: +44 0191 4155 055 Email Isocom@isocomoptocouplers.com
Or go to the Isocom Website @ : Http://www.isocomoptocouplers.com
IS357
TRANSISTOR
OPTOCOUPLERS
PACKAGES
CIRCUIT
4.4
5.4
0.57
6.93
4.2
4.4
4.2
2.6
2.54
0.4
0.15
DESCRIPTION
The IS357 is a single channel device suitable for use in vending machines, programmable controllers and
copiers. The device incorporates an infra red LED and a phototransistor detector.
Isocom
Ltd
supplies
a
multitude
of
plastic
optocouplers
for
all
applications
varying
from
standard transistor optos through to Darlington and
Schmitt Trigger devices. It’s massive family of optos
vary in speed allowing maximum opportunity to
engineers worldwide.
All devices are performance guaranteed between -
20ºC and +80ºC and have completed rigorous testing.
The Company's customers can be assured of our
commitment to stringent quality, reliability and
inspection standards, as demonstrated by our existing
approvals. Other customer specific options can also be
offered.
FEATURES
3750V Isolation
Subminiature Type
Opaque Type Mini-Flat Pack
Current Transfer Ratio (Min 50% @IF= 5mA, VCE= 5V)


Similar Part No. - IS357

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS357 ISOCOM-IS357 Datasheet
58Kb / 2P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATIORS
logo
List of Unclassifed Man...
IS357A ETC-IS357A Datasheet
705Kb / 6P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS357B ISOCOM-IS357B Datasheet
58Kb / 2P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS357D ISOCOM-IS357D Datasheet
58Kb / 2P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATIORS
More results

Similar Description - IS357

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNW11AV1 ETC-CNW11AV1 Datasheet
28Kb / 2P
TRANSISTOR OPTOCOUPLERS
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
High Speed Transistor Optocouplers
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
logo
Skyworks Solutions Inc.
OLH2047 SKYWORKS-OLH2047 Datasheet
268Kb / 6P
Photo-Transistor Hermetic Optocouplers
June 19, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com