Electronic Components Datasheet Search
  English  ▼

X  

IS357 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS357
Description  TRANSISTOR OPTOCOUPLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS357 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS357 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS357 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isocom Ltd reserves the right to change the details on this specification without notice. Please consult Isocom Ltd prior to use.
Isocom Ltd cannot accept liability for any errors or omissions.
For sales enquiries, or further information, please contact our sales office at :
Isocom Ltd, Hutton Close, Crowther Industrial Estate, District 3, Washington, NE38 0AH
Tel: +44 0191 4166 546 Fax: +44 0191 4155 055 Email Isocom@isocomoptocouplers.com
Or go to the Isocom Website @ : Http://www.isocomoptocouplers.com
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-40°C to +125°C
Operating Temperature
-30°C to +100°C
Lead Soldering Temperature
260°C 1.6mm from case for 10S
Input-to-Output Isolation Voltage
3750VDC
Input Diode
Forward DC Current
50mA
Peak forward Current
1.0A
Reverse Voltage
6V
Power Dissipation
70mW
Output Transistor
Collector-Emitter Voltage
60V
BVCEO
Emitter-Collector voltage
5V
BVECO
Collector-Current
50mA
IC
CollectorPower Dissipation
150mW
PC
Package
Total Power Dissipation
170mW
Ptot
ELECTRICAL CHARACTERISTICS
TA = 25°C U.O.S. (each channel where appropriate).
Input Diode Electrical Characteristics
Parameter
Symbol
Test Conditions
Device
Min
Typ
Max
Units
Forward Voltage
VF
IF = 20mA
1.2
1.4
V
Reverse Current
IR
VR= 4V
10
µA
Output Detector Electrical Characteristics
Terminal Capacitance
Ct
V= 0, f= 1Khz
30
250
pF
Collector-emitter Dark
Current
ICEO
VCE= 20V, IF= 0
0.1
µA
Collector-Emitter
Breakdown Voltage
BVCEO
IC = 0.1mA IF= 0
60
-
-
V
Emitter-Collector
breakdown Voltage
BVECO
IE= 100µA, IF= 0
5
V
Coupled Electrical Characteristics
Current Transfer ratio
CTR
IF=5mA, VCE= 5V
50
600
%
Collector-Emitter saturation
voltage
VCE(sat)
IF=±20mA, IC= 1mA
0.1
0.3
V
Isolation Resistance
RISO
DC= 500V, 40 to 60% RH
5*10
10
5*10
11
Ω
Floating Capacitance
Cf
V= 0, f= 1Mhz
0.6
1.0
pF
Responce time (Rise)
tr
VCC= 2V, IC= 2mA, RL= 100Ω
5
20
µS
Responce time (Fall)
tf
4
20
µS
Input-to-Output Isolation
3750
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com