Electronic Components Datasheet Search
  English  ▼

X  

PCA146X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA146X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA146X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA146X Datasheet HTML 3Page - NXP Semiconductors PCA146X Datasheet HTML 4Page - NXP Semiconductors PCA146X Datasheet HTML 5Page - NXP Semiconductors PCA146X Datasheet HTML 6Page - NXP Semiconductors PCA146X Datasheet HTML 7Page - NXP Semiconductors PCA146X Datasheet HTML 8Page - NXP Semiconductors PCA146X Datasheet HTML 9Page - NXP Semiconductors PCA146X Datasheet HTML 10Page - NXP Semiconductors PCA146X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1998 Apr 21
7
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
Voltage level detector
The supply voltage is compared with the internal voltage
reference VLIT and VEOL every minute. The first voltage
level detection is carried out 30 ms after RESET.
When a lithium voltage level is detected (VDD ≥ VLIT), the
circuit starts operating in the lithium mode (Fig.4).
When the detected VDD voltage level is between VLIT and
VEOL, the circuit operates in the silver-oxide mode (Fig.3).
If the battery end-of-life is detected (VDD <VEOL), the
detection and stage control is switched OFF and the
waveform produced is an unchopped version of the
stage 8 waveform. To indicate this condition the waveform
is produced in bursts of 4 pulses every 4 s.
Detection of motor movement
After a motor pulse, the motor is short-circuited to VDD for
1 ms. Afterwards the energy in the motor inductor will be
dissipated to measure only the current generated by the
induced motor voltage. During the time tDI (dissipation of
energy time) all switches shown in Fig.5 are open to
reduce the current as fast as possible. The current will now
flow through the diodes D3 and D2, or D4 and D1. Then
the first of 52 possible measurement cycles (tMC) starts to
measure the induced current.
Fig.5 Motor driving and detecting circuit.
MSA941
VDD
VSS
MOTOR
M1
M2
N1
D3
P1
D1
L1
L2
N2
D4
P2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com