Electronic Components Datasheet Search
  English  ▼

X  

PCA146X Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA146X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA146X Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA146X Datasheet HTML 15Page - NXP Semiconductors PCA146X Datasheet HTML 16Page - NXP Semiconductors PCA146X Datasheet HTML 17Page - NXP Semiconductors PCA146X Datasheet HTML 18Page - NXP Semiconductors PCA146X Datasheet HTML 19Page - NXP Semiconductors PCA146X Datasheet HTML 20Page - NXP Semiconductors PCA146X Datasheet HTML 21Page - NXP Semiconductors PCA146X Datasheet HTML 22Page - NXP Semiconductors PCA146X Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
1998 Apr 21
19
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
PACKAGE OUTLINE
UNIT
ce
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
DIMENSIONS (mm are the original dimensions)
SOT144-1
94-01-25
95-01-24
b
n
max.
L
m
max.
H E
0.40
0.25
0.19
0.12
3.1
2.9
3.1
2.9
4.6
4.4
0.80
0.75
0.26
0.3
Q 1
Q 2
w
t
0.40
0.30
0.1
0.40
0.30
0.95
0.90
0.70
L
w M
b
Q 2
Q 1
0
2.5
5 mm
scale
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
E
(1)
(1)
D
e
t
n
pin 1 index
4
1
5
8
D
E
c
m
X
detail X
PMFP8: plastic micro flat package; 8 leads (straight)
SOT144-1
A2
A 2
HE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com