Electronic Components Datasheet Search
  English  ▼

X  

PCA1602T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA1602T
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1602T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA1602T Datasheet HTML 3Page - NXP Semiconductors PCA1602T Datasheet HTML 4Page - NXP Semiconductors PCA1602T Datasheet HTML 5Page - NXP Semiconductors PCA1602T Datasheet HTML 6Page - NXP Semiconductors PCA1602T Datasheet HTML 7Page - NXP Semiconductors PCA1602T Datasheet HTML 8Page - NXP Semiconductors PCA1602T Datasheet HTML 9Page - NXP Semiconductors PCA1602T Datasheet HTML 10Page - NXP Semiconductors PCA1602T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Dec 12
7
Philips Semiconductors
Product specification
32 kHz watch circuits with EEPROM
PCA16xx series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC134).
Note
1. Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows,
which will rapidly discharge the battery.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
advisable to take handling precautions appropriate to handling MOS devices. Advice can be found in
“Data Handbook IC16, General, Handling MOS Devices”.
CHARACTERISTICS
VDD = 1.55 V; VSS =0V; fosc = 32.768 kHz; Tamb =25 °C; crystal: RS =20kΩ; C1 = 2 to 3 fF; CL = 8 to 10 pF;
C0 = 1 to 3 pF; unless otherwise specified.
Immunity against parasitic impedance = 20 M
Ω from one pin to an adjacent pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
VSS = 0 V; note 1
−1.8
+6
V
VI
all input voltages
VSS
VDD
V
output short-circuit duration
indefinite
Tamb
operating ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
Tamb = −10 to +60 °C
1.2
1.5
2.5
V
∆V
DD
supply voltage variation
transient; VDD = 1.2 to 2.5 V
−−
0.25
V
VDDP
supply voltage pulse
programming
5.0
5.1
5.2
V
∆VDDP
supply voltage pulse variation
programming
0.55
0.6
0.65
V
IDD1
supply current
between motor pulses
−
170
260
nA
IDD2
supply current
between motor pulses;
VDD = 2.1 V
−
190
300
nA
IDD3
supply current
stop mode; pin 8 connected to
VDD
−
180
280
nA
IDD4
supply current
stop mode; pin 8 connected to
VDD; VDD = 2.1 V
−
220
360
nA
IDD5
supply current
VDD = 2.1 V;
Tamb = −10 to +60 °C
−−
600
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com