Electronic Components Datasheet Search
  English  ▼

X  

PCA1602T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA1602T
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1602T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA1602T Datasheet HTML 4Page - NXP Semiconductors PCA1602T Datasheet HTML 5Page - NXP Semiconductors PCA1602T Datasheet HTML 6Page - NXP Semiconductors PCA1602T Datasheet HTML 7Page - NXP Semiconductors PCA1602T Datasheet HTML 8Page - NXP Semiconductors PCA1602T Datasheet HTML 9Page - NXP Semiconductors PCA1602T Datasheet HTML 10Page - NXP Semiconductors PCA1602T Datasheet HTML 11Page - NXP Semiconductors PCA1602T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Dec 12
8
Philips Semiconductors
Product specification
32 kHz watch circuits with EEPROM
PCA16xx series
Notes
1. Cycle time can be changed to one of the following values: 1, 5, 10, 12 or 20 s (see Chapter “Available types”).
2. Pulse width can be varied from 2 ms to 15.7 ms in steps of 1 ms (see Chapter “Available types”).
3. Duty factor is 1 : 32 and RESET = VDD or VSS.
Motor output
Vsat
saturation voltage
Σ (P + N)
RL =2kΩ; Tamb = −10 to +60 °C
−
150
200
mV
Rsc
short-circuit resistance
Σ (P + N) Itransistor <1mA
−
200
300
Ω
tT
cycle time
note 1
tP
pulse width
note 2
Oscillator
VOSC ST
starting voltage
1.2
−−
V
gm
transconductance
Vi(p-p) ≤ 50 mV
6
15
−µS
tosc
start-up time
−
1
−
s
∆f/f
frequency stability
∆V
DD = 100 mV
−
0.05
×
10−6
0.3
×
10−6
Ci
input capacitance
8
10
12
pF
Co
output capacitance
12
15
18
pF
Voltage level detector
VLIT
threshold voltage
lithium mode
1.65
1.80
1.95
V
VEOL
threshold voltage
battery end-of-life
1.27
1.38
1.46
V
∆V
VLD
hysteresis of threshold
−
10
−
mV
TCVLD
temperature coefficient
−−1
−
mV/K
tV
voltage detection cycle
−
60
−
s
Reset input
fo
output frequency
−
32
−
Hz
∆V
o
output voltage swing
R = 1 M
Ω; C=10pF
1.4
−−
V
tedge
edge time
R = 1 M
Ω; C=10pF
−
1
−µs
Iim
peak input current
note 3
−
320
−
nA
Ii(av)
average input current
−
10
−
nA
Test mode
cycle time for motor pulses in:
tT1
test 1
−
125
−
ms
tT2
test 2
−
31.25
−
ms
tT3
test 3
see Chapter “Available types”
tDEB
debounce time
RESET = VDD
14.7
−
123.2
ms
Battery end-of-life
tEOL
end-of-life sequence
−
4
−
s
tE1
motor pulse width
see “Available types”
−
tP
−
ms
tE2
time between pulses
−
31.25
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com