Electronic Components Datasheet Search
  English  ▼

X  

P83C266 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P83C266
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P83C266 Datasheet HTML 9Page - NXP Semiconductors P83C266 Datasheet HTML 10Page - NXP Semiconductors P83C266 Datasheet HTML 11Page - NXP Semiconductors P83C266 Datasheet HTML 12Page - NXP Semiconductors P83C266 Datasheet HTML 13Page - NXP Semiconductors P83C266 Datasheet HTML 14Page - NXP Semiconductors P83C266 Datasheet HTML 15Page - NXP Semiconductors P83C266 Datasheet HTML 16Page - NXP Semiconductors P83C266 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
1999 Mar 10
13
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
8
TIMERS AND EVENT COUNTERS
The P8xCx66 contains two 16-bit timers/counters: Timer 0
and Timer 1 and also an 8-bit Watchdog timer.
8.1
16-bit timer/counters (T0 and T1)
Timer 0 and Timer 1 perform the following functions:
• Measure time intervals and pulse durations
• Count events
• Generate interrupt requests.
Timer 0 and Timer 1 can be independently programmed to
operate in one of four modes.
Mode 0 8-bit timer or counter with divide-by-32 prescaler.
Mode 1 16-bit time-interval or event counter.
Mode 2 8-bit time-interval or event counter with automatic
reload upon overflow.
Mode 3 Timer 0 establishes TL0 and TL1 as two
separate counters.
In the ‘timer’ function, the register is incremented every
machine cycle. Since a machine cycle consists of
12 oscillator periods, the count rate is 1
⁄12fosc.
In the ‘counter’ function, the register is incremented in
response to a HIGH-to-LOW transition. Since it takes
2 machine cycles (24 oscillator periods) to recognize a
HIGH-to-LOW transition, the maximum count rate is
1
⁄24fosc. To ensure that a given level is sampled, it should
be held for at least one complete machine cycle.
8.2
Watchdog timer (T3)
In addition to the standard timers, a Watchdog timer is
implemented on-chip. The Watchdog timer generates a
hardware reset upon overflow. In this way a
microcontroller system can recover from erroneous
processor states caused by electrical noise, RFI or
unexpected ROM code behaviour.
The Watchdog timer consists of an 8-bit timer with an
11-bit prescaler as shown in Fig.8. The prescaler input
frequency is 1
⁄
12fosc. The 8-bit timer is incremented every
‘t’ seconds where ‘t’ is calculated as shown below:
The 8-bit timer is an up-counter so a value 00H gives the
maximum timer interval (510 ms at 12 MHz, 1536 ms at
4 MHz), and a value of FFH gives the minimum timer
interval (2 ms at 12 MHz, 6 ms at 4 MHz). When the 8-bit
timer produces an overflow a short internal reset pulse is
generated which will reset the P8xCx66.
The timer has no disable function. Consequently, all
applications must reload the timer within the previously
loaded timer interval otherwise a reset will occur. The timer
is not stopped in the Idle mode. The interrupt routine for
the Idle mode should also service the Watchdog timer.
The Watchdog timer is controlled by the WLE bit in the
Power Control Register (see Section 9.6). The WLE bit
must be set by the Watchdog timer service routine before
the timer interval can be loaded into T3. A load of T3
automatically clears the WLE bit.
A system reset clears the Watchdog timer and the
prescaler.
8.2.1
WATCHDOG TIMER REGISTER (WDT)
Table 3
Watchdog timer Register (SFR address FFH)
76543210
T37
T36
T35
T34
T33
T32
T31
T30
t
12
2048
×
1
f
osc
--------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com