Electronic Components Datasheet Search
  English  ▼

X  

P83C266 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83C266
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C266 Datasheet(HTML) 3 Page - NXP Semiconductors

  P83C266 Datasheet HTML 1Page - NXP Semiconductors P83C266 Datasheet HTML 2Page - NXP Semiconductors P83C266 Datasheet HTML 3Page - NXP Semiconductors P83C266 Datasheet HTML 4Page - NXP Semiconductors P83C266 Datasheet HTML 5Page - NXP Semiconductors P83C266 Datasheet HTML 6Page - NXP Semiconductors P83C266 Datasheet HTML 7Page - NXP Semiconductors P83C266 Datasheet HTML 8Page - NXP Semiconductors P83C266 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
1999 Mar 10
3
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
1
FEATURES
1.1
P80C51 CPU core
• 80C51 8-bit CPU
• 64-kbyte Multiple Programming ROM (MTP ROM)
• Two 16-bit timer/event counters
• Crystal oscillator for system clock (up to 12 MHz)
• 12 source, 12 vector interrupt structure with two priority
levels
• Enhanced architecture with:
– Non-page orientated instructions
– Direct addressing
– Four 8-byte RAM register banks
– Stack depth up to 128 bytes
– Multiply, divide, subtract and compare instructions.
1.2
P8xCx66 family
• ROM/RAM: see Table 1
• Pulse Width Modulated (PWM) outputs:
– One 14-bit PWM output for Voltage Synthesized
Tuning (VST)
– Eight 7-bit PWM outputs for analog controls.
• 3 Analog-to-Digital (ADC) inputs with 4-bit DAC and
comparator
• LED driver port:
– All I/O port lines with 10 mA LED drive capability
(VO <1.0 V)
– Up to 5 LEDs can be driven at any one time.
• Serial I/O:
– Multi-master I2C-bus interface
– Maximum I2C-bus frequency 400 kHz.
• Watchdog timer
• Improved EMC measures and slope controlled I/Os
• OSD functions:
– Programmable VSYNC and HSYNC active levels
– Display RAM: 192
× 12 bits
– Display character fonts: 128 (126 customer fonts plus
2 reserved codes)
– 63 vertical starting positions controlled by software
– 110 horizontal starting positions controlled by
software
– Character size: 4 different character sizes on a
line-by-line basis
– Character matrix: 12
× 18 with no spacing between
characters
– Foreground colours: 8 on a character-by-character
basis
– Background/shadowing modes: two primary modes -
TV mode and Frame mode on a frame basis. Each
primary mode has four sub-modes on a line basis:
Sub-mode 1: Superimpose (no background)
Sub-mode 2: North-West shadowing
Sub-mode 3: Box background
Sub-mode 4: Border shadowing
– Background colours: 8 on a word-by-word basis,
available in all four sub-modes
– Display RAM starting address is programmable; fast
switching between banks of display (RAM)
characters is possible through software control
– HSYNC driven PLL for OSD clock (4 to 12 MHz)
– Character blinking ratio: 1 : 1
– Character blinking frequency: programmable using
fVSYNC divisors of 32 and 64, on a character basis
– Flexible display format using the Carriage Return
code and the Space codes
– Display RAM address post incremented each time
new data is written into RAM
– Vertical jitter cancelling circuit to avoid unstable
VSYNC leading edge mismatch with HSYNC signal
– OSD meshing.
• Power-on reset
• Packages: SDIL42 (PLCC68 for piggy-back only)
• Operating voltage: 4.5 to 5.5 V
• Operating temperature: −20 to +70 °C
• System clock frequency: 4 to 12 MHz
• OSD clock frequency: 4 to 12 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com