Electronic Components Datasheet Search
  English  ▼

X  

P83C280 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P83C280
Description  80C51 type core
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C280 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P83C280 Datasheet HTML 65Page - NXP Semiconductors P83C280 Datasheet HTML 66Page - NXP Semiconductors P83C280 Datasheet HTML 67Page - NXP Semiconductors P83C280 Datasheet HTML 68Page - NXP Semiconductors P83C280 Datasheet HTML 69Page - NXP Semiconductors P83C280 Datasheet HTML 70Page - NXP Semiconductors P83C280 Datasheet HTML 71Page - NXP Semiconductors P83C280 Datasheet HTML 72Page - NXP Semiconductors P83C280 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
1997 Dec 12
69
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
23 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
24 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices” ).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
4.4
5.5
V
VI
input voltage (all inputs)
−0.5
VDD + 0.5 V
Isource(max)
total maximum source current for all port lines
0.50
0.67
mA
Isink(max)
total maximum sink current for all port lines
155
165
mA
Ptot
total power dissipation
88.4
170
mW
Tstg
storage temperature
−60
+150
°C
Tamb
operating ambient temperature (for all devices)
−25
+85
°C
Fig.34 Timing for OTP Programming/Verification.
handbook, full pagewidth
RESET
93 XTAL1
CODE
5 XTAL1
4 XTAL1 4 XTAL1
8 XTAL1
4 XTAL1
x x x x x
00 1 0
1
XTAL1
MBK517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com