Electronic Components Datasheet Search
  English  ▼

X  

P83C366CBP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P83C366CBP
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366CBP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P83C366CBP Datasheet HTML 35Page - NXP Semiconductors P83C366CBP Datasheet HTML 36Page - NXP Semiconductors P83C366CBP Datasheet HTML 37Page - NXP Semiconductors P83C366CBP Datasheet HTML 38Page - NXP Semiconductors P83C366CBP Datasheet HTML 39Page - NXP Semiconductors P83C366CBP Datasheet HTML 40Page - NXP Semiconductors P83C366CBP Datasheet HTML 41Page - NXP Semiconductors P83C366CBP Datasheet HTML 42Page - NXP Semiconductors P83C366CBP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
1999 Mar 10
39
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
For example, if the contents of VSTL = 000 0000, no
additional pulses are generated; if the contents of
VSTL = 111 1111, the number of additional pulses that are
generated is 127. Therefore, up to 127 additional pulses
can be added during a Tstd period. Additional pulses must
be distributed equally in one Tstd period (pulse distribution
procedure).
Figure 25 shows some examples of OUT2.
15.2.4
THE TPWM OUTPUT
If the contents of VSTH = 001 1101, and the contents of
VSTL = 000 0010, then the TPWM output is as shown in
Fig.26. The additional OUT2 pulses are generated in
subperiods 32 and 96.
Two extreme cases are worthy of further analysis:
• VSTH = 000 0000, and VSTL = 000 0000. No coarse
pulses will be generated and OUT1 is LOW for the whole
Tstd period. No fine pulses will be generated and
consequently TPWM is LOW for the whole Tstd period.
• VSTH = 111 1111 and VSTL = 111 1111. This value of
VSTH results in OUT1 being LOW for the first t0 period
but will go HIGH for the remaining 127
× t0 periods in the
Tsub cycle. This value of VSTL will generate
127 additional fine pulses (in every Tsub cycle except in
Tsub0). These additional fine pulses fill the gaps in the
OUT1 output (except in Tsub0). Consequently, the
TPWM output will be LOW for the first t0 period (Tsub0)
but will be HIGH for the remainder of the Tstd period.
Table 39 Additional pulse distribution
VSTL
CONTENTS
ADDITIONAL PULSE GENERATED
IN SUBPERIOD Tsubn
BINARY POSITION
TOTAL NUMBER OF
ADDITIONAL OUT2 PULSES
000 0000
−−
0
000 0001
64
100 0000
1
000 0010
32, 96
010 0000
2
000 0011
32, 64, 96
100 0000
010 0000
3
000 0100
16, 48, 80, 112
001 0000
4
000 0101
16, 48, 64, 80, 112
100 0000
001 0000
5
000 1000
8, 24, 40, 56, 72, 88, 104, 120
000 1000
8
001 0000
4, 12, 20, 28, 36, 44, 52, 60, ...116,
124
000 0100
16
010 0000
2, 6, 10, 14, 18, 22, 26, 30, ...122, 126
000 0010
32
100 0000
1, 3, 5, 7, 9, 11, 13, 15, ...125, 127
000 0001
64
111 1110
1, 2, 3, 4, ...62, 63, 65, 66, ...125, 126,
127
010 0000
001 0000
000 1000
000 0100
000 0010
000 0001
126
111 1111
1, 2, 3, 4, 5, 6, 7, ...125, 126, 127
100 0000
010 0000
001 0000
000 1000
000 0100
000 0010
000 0001
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com