Electronic Components Datasheet Search
  English  ▼

X  

P83C366CBP Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P83C366CBP
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366CBP Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P83C366CBP Datasheet HTML 41Page - NXP Semiconductors P83C366CBP Datasheet HTML 42Page - NXP Semiconductors P83C366CBP Datasheet HTML 43Page - NXP Semiconductors P83C366CBP Datasheet HTML 44Page - NXP Semiconductors P83C366CBP Datasheet HTML 45Page - NXP Semiconductors P83C366CBP Datasheet HTML 46Page - NXP Semiconductors P83C366CBP Datasheet HTML 47Page - NXP Semiconductors P83C366CBP Datasheet HTML 48Page - NXP Semiconductors P83C366CBP Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
1999 Mar 10
45
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
16.1
ADC Control Register 1 (SAD)
Table 44 ADC Control Register 1 (SFR address C8H)
Table 45 Description of SAD bits
Table 46 ADC input channel selection
16.2
ADC Control Register 2 (SAD2)
Table 47 ADC Control Register 2 (SFR address CAH)
Table 48 Description of SAD2 bits
76543210
VHI
CH1
CH0
ST
SAD3
SAD2
SAD1
SAD0
BIT
SYMBOL
DESCRIPTION
7
VHI
Compare result. If VHI = 0, then the ADC input voltage is lower than the reference
voltage. If VHI = 1, then the ADC input voltage is higher than the reference voltage.
6
CH1
ADC input channel selection. These 2 bits select the ADC channel, see Table 46.
5
CH0
4ST
Start voltage comparison. If ST = 0, voltage comparison is disabled. If ST = 1, a
voltage comparison is started.
3
SAD3
Reference voltage level selection. These 4 bits are used to select the analog output
voltage (Vref) of the 4-bit DAC. Vref is calculated as shown below.
2
SAD2
1
SAD1
0
SAD0
CH1
CH0
CHANNEL SELECTED
0
0
Reserved.
0
1
Input channel ADC0 selected.
1
0
Input channel ADC1 selected.
1
1
Input channel ADC2 selected.
76543210
−−−−−
ADCE2
ADCE1
ADCE0
BIT
SYMBOL
DESCRIPTION
7to3
−
These 5 bits are not used.
2
ADCE2
ADC2 input select. If ADC2 = 1, then pin 11 is selected as the ADC2 input. If
ADC2 = 0, then pin 11 is selected as the open-drain bidirectional port line P3.2.
1
ADCE1
ADC1 input select. If ADC1 = 1, then pin 10 is selected as the ADC1 input. If
ADC2 = 0, then pin 10 is selected as the open-drain bidirectional port line P3.1.
0
ADCE0
ADC0 input select. If ADC0 = 1, then pin 9 is selected as the ADC0 input. If ADC0 = 0,
then pin 9 is selected as the open-drain bidirectional port line P3.0.
V
ref
V
DD
16
----------
SAD value
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com