Electronic Components Datasheet Search
  English  ▼

X  

LM6161 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6161
Description  High Speed Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6161 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6161 Datasheet HTML 1Page - National Semiconductor (TI) LM6161 Datasheet HTML 2Page - National Semiconductor (TI) LM6161 Datasheet HTML 3Page - National Semiconductor (TI) LM6161 Datasheet HTML 4Page - National Semiconductor (TI) LM6161 Datasheet HTML 5Page - National Semiconductor (TI) LM6161 Datasheet HTML 6Page - National Semiconductor (TI) LM6161 Datasheet HTML 7Page - National Semiconductor (TI) LM6161 Datasheet HTML 8Page - National Semiconductor (TI) LM6161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC Electrical Characteristics (Continued)
Note 7: The average voltage that the weakest pin combinations (those involving Pin 2 or Pin 3) can withstand and still conform to the datasheet limits. The test circuit
used consists of the human body model of 100 pF in series with 1500
Ω.
Note 8: VIN = 8V step. For supply = ±5V, VIN = 5V step.
Note 9: Voltage Gain is the total output swing (20V) divided by the input signal required to produce that swing.
Note 10: The voltage between V+ and either input pin must not exceed 36V.
Note 11: A military RETS electrical test specification is available on request. At the time of printing, the RETS6161X specs complied with all Boldface limits in this
column.
Note 12: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Typical Performance Characteristics (R
L =10kΩ,TA = 25˚C unless otherwise specified)
Supply Current vs
Supply Voltage
DS009057-15
Common-Mode
Rejection Ratio
DS009057-16
Power Supply
Rejection Ratio
DS009057-17
Gain-Bandwidth
Product
DS009057-18
Propagation Delay
Rise and Fall Times
DS009057-19
Gain-Bandwidth Product
vs Load Capacitance
DS009057-20
Slew Rate vs
Load Capacitance
DS009057-21
Overshoot vs
Capacitive Load
DS009057-22
Slew Rate
DS009057-23
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com