Electronic Components Datasheet Search
  English  ▼

X  

LM6161 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6161
Description  High Speed Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6161 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM6161 Datasheet HTML 3Page - National Semiconductor (TI) LM6161 Datasheet HTML 4Page - National Semiconductor (TI) LM6161 Datasheet HTML 5Page - National Semiconductor (TI) LM6161 Datasheet HTML 6Page - National Semiconductor (TI) LM6161 Datasheet HTML 7Page - National Semiconductor (TI) LM6161 Datasheet HTML 8Page - National Semiconductor (TI) LM6161 Datasheet HTML 9Page - National Semiconductor (TI) LM6161 Datasheet HTML 10Page - National Semiconductor (TI) LM6161 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Simplified Schematic
Applications Tips
The LM6361 has been compensated for unity-gain opera-
tion. Since this compensation involved adding emitter-
degeneration resistors to the op amp’s input stage, the
open-loop gain was reduced as the stability increased. Gain
error due to reduced A
VOL is most apparent at high gains;
thus, for gains between 5 and 25, the less-compensated
LM6364 should be used, and the uncompensated LM6365 is
appropriate for gains of 25 or more. The LM6361, LM6364,
and LM6365 have the same high slew rate, regardless of
their compensation.
The LM6361 is unusually tolerant of capacitive loads. Most
op amps tend to oscillate when their load capacitance is
greater than about 200 pF (especially in low-gain circuits).
The LM6361’s compensation is effectively increased with
load capacitance, reducing its bandwidth and increasing its
stability.
Power supply bypassing is not as critical for the LM6361 as
it is for other op amps in its speed class. Bypassing will, how-
ever, improve the stability and transient response and is rec-
ommended for every design. 0.01 µF to 0.1 µF ceramic ca-
pacitors should be used (from each supply “rail” to ground);
if the device is far away from its power supply source, an ad-
ditional 2.2 µF to 10 µF of tantalum may provide extra noise
reduction.
Keep all leads short to reduce stray capacitance and lead in-
ductance, and make sure ground paths are low-impedance,
especially where heavier currents will be flowing. Stray ca-
pacitance in the circuit layout can cause signal coupling
across adjacent nodes and can cause gain to unintentionally
vary with frequency.
Breadboarded circuits will work best if they are built using
generic PC boards with a good ground plane. If the op amps
are used with sockets, as opposed to being soldered into the
circuit, the additional input capacitance may degrade circuit
performance.
Typical Applications
DS009057-3
Offset Voltage Adjustment
DS009057-4
1 MHz Low-Pass Filter
DS009057-10
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com