Electronic Components Datasheet Search
  English  ▼

X  

AD8229HDZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8229HDZ
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HDZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8229HDZ Datasheet HTML 7Page - Analog Devices AD8229HDZ Datasheet HTML 8Page - Analog Devices AD8229HDZ Datasheet HTML 9Page - Analog Devices AD8229HDZ Datasheet HTML 10Page - Analog Devices AD8229HDZ Datasheet HTML 11Page - Analog Devices AD8229HDZ Datasheet HTML 12Page - Analog Devices AD8229HDZ Datasheet HTML 13Page - Analog Devices AD8229HDZ Datasheet HTML 14Page - Analog Devices AD8229HDZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8229
Data Sheet
Rev. B | Page 10 of 24
–12.28V
12.60V
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–14 –12 –10 –8
–6
–4
–2
0
2
4
6
8
10
12
14
COMMON-MODE VOLTAGE (V)
Figure 17. Input Bias Current vs. Common-Mode Voltage
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
Figure 18. Positive PSRR vs. Frequency
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
Figure 19. Negative PSRR vs. Frequency
–30
–20
–10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
GAIN = 100
GAIN = 10
VS = ±15V
Figure 20. Gain vs. Frequency
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
BANDWIDTH
LIMITED
Figure 21. CMRR vs. Frequency
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
BANDWIDTH
LIMITED
Figure 22. CMRR vs. Frequency, 1 kΩ Source Imbalance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com