Electronic Components Datasheet Search
  English  ▼

X  

AD8229HDZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8229HDZ
Description  1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229HDZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8229HDZ Datasheet HTML 12Page - Analog Devices AD8229HDZ Datasheet HTML 13Page - Analog Devices AD8229HDZ Datasheet HTML 14Page - Analog Devices AD8229HDZ Datasheet HTML 15Page - Analog Devices AD8229HDZ Datasheet HTML 16Page - Analog Devices AD8229HDZ Datasheet HTML 17Page - Analog Devices AD8229HDZ Datasheet HTML 18Page - Analog Devices AD8229HDZ Datasheet HTML 19Page - Analog Devices AD8229HDZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD8229
Rev. B | Page 15 of 24
25°C
175°C
210°C
225°C
G = 100
2µs/DIV
20mV/DIV
Figure 47. Small Signal Response, G = 100, RL = 10 kΩ, CL = 100 pF
G = 1000
10µs/DIV
20mV/DIV
25°C
175°C
210°C
225°C
Figure 48. Small Signal Response, G = 1000, RL = 10 kΩ, CL = 100 pF
G = 1
1µs/DIV
50mV/DIV
NO LOAD
CL = 100pF
CL = 147pF
Figure 49. Small Signal Response with Various Capacitive Loads, G = 1,
RL = Infinity
0
200
400
600
800
1000
1200
1400
2
4
6
8
10
12
14
16
18
20
STEP SIZE (V)
SETTLED TO 0.001%
SETTLED TO 0.01%
Figure 50. Settling Time vs. Step Size, G = 1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
NO LOAD
2kΩ LOAD
600Ω LOAD
G = 1, SECOND HARMONIC
VOUT = 10V p-p
Figure 51. Second Harmonic Distortion vs. Frequency, G = 1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
NO LOAD
2kΩ LOAD
600Ω LOAD
G = 1, THIRD HARMONIC
VOUT = 10V p-p
Figure 52. Third Harmonic Distortion vs. Frequency, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com