Electronic Components Datasheet Search
  English  ▼

X  

AD8251ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8251ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8251ARMZ Datasheet HTML 13Page - Analog Devices AD8251ARMZ Datasheet HTML 14Page - Analog Devices AD8251ARMZ Datasheet HTML 15Page - Analog Devices AD8251ARMZ Datasheet HTML 16Page - Analog Devices AD8251ARMZ Datasheet HTML 17Page - Analog Devices AD8251ARMZ Datasheet HTML 18Page - Analog Devices AD8251ARMZ Datasheet HTML 19Page - Analog Devices AD8251ARMZ Datasheet HTML 20Page - Analog Devices AD8251ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD8251
Rev. B | Page 16 of 24
THEORY OF OPERATION
10k
Ω
10k
Ω
10k
Ω
10k
Ω
REF
OUT
A3
–IN
+IN
WR
2.2k
Ω
2.2k
Ω
+VS
+VS
–VS
–VS
+VS
–VS
+VS
–VS
A1
A0
2.2k
Ω
DGND
A1
A2
DIGITAL
GAIN
CONTROL
2.2k
Ω
+VS
–VS
+VS
–VS
+VS
–VS
+VS
–VS
Figure 51. Simplified Schematic
The AD8251 is a monolithic instrumentation amplifier based
on the classic 3-op-amp topology, as shown in Figure 51. It is
fabricated on the Analog Devices, Inc., proprietary iCMOS®
process that provides precision, linear performance, and a
robust digital interface. A parallel interface allows users to
digitally program gains of 1, 2, 4, and 8. Gain control is achieved
by switching resistors in an internal, precision resistor array (as
shown in Figure 51). Although the AD8251 has a voltage feedback
topology, the gain bandwidth product increases for gains of 1, 2,
and 4 because each gain has its own frequency compensation.
This results in maximum bandwidth at higher gains.
All internal amplifiers employ distortion cancellation circuitry
and achieve high linearity and ultralow THD. Laser trimmed
resistors allow for a maximum gain error of less than 0.03%
for G = 1 and minimum CMRR of 98 dB for G = 8. A pinout
optimized for high CMRR over frequency enables the AD8251
to offer a guaranteed minimum CMRR over frequency of 80 dB
at 50 kHz (G = 1). The balanced input reduces the parasitics
that, in the past, adversely affected CMRR performance.
GAIN SELECTION
Logic low and logic high voltage limits are listed in the
Specifications section. Typically, logic low is 0 V and logic high
is 5 V; both voltages are measured with respect to DGND. See
Table 2 for the permissible voltage range of DGND. The gain of
the AD8251 can be set using two methods.
Transparent Gain Mode
The easiest way to set the gain is to program it directly via a
logic high or logic low voltage applied to A0 and A1. Figure 52
shows an example of this gain setting method, referred to through-
out the data sheet as transparent gain mode. Tie WR to the negative
supply to engage transparent gain mode. In this mode, any change
in voltage applied to A0 and A1 from logic low to logic high, or
vice versa, immediately results in a gain change.
is the
truth table for transparent gain mode, and
shows the
AD8251 configured in transparent gain mode.
Table 5
Figure 52
+15V
–15V
–15V
A0
A1
WR
+IN
+5V
+5V
–IN
10
μF0.1µF
10
μF0.1µF
G = 8
DGND
DGND
REF
AD8251
NOTE:
1. IN TRANSPARENT GAIN MODE, WR IS TIED TO
−VS.
THE VOLTAGE LEVELS ON A0 AND A1 DETERMINE
THE GAIN. IN THIS EXAMPLE, BOTH A0 AND A1 ARE
SET TO LOGIC HIGH, RESULTING IN A GAIN OF 8.
Figure 52. Transparent Gain Mode, A0 and A1 = High, G = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com