Electronic Components Datasheet Search
  English  ▼

X  

AD8251ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8251ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8251ARMZ Datasheet HTML 17Page - Analog Devices AD8251ARMZ Datasheet HTML 18Page - Analog Devices AD8251ARMZ Datasheet HTML 19Page - Analog Devices AD8251ARMZ Datasheet HTML 20Page - Analog Devices AD8251ARMZ Datasheet HTML 21Page - Analog Devices AD8251ARMZ Datasheet HTML 22Page - Analog Devices AD8251ARMZ Datasheet HTML 23Page - Analog Devices AD8251ARMZ Datasheet HTML 24Page - Analog Devices AD8251ARMZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD8251
Rev. B | Page 21 of 24
APPLICATIONS
DIFFERENTIAL OUTPUT
In certain applications, it is necessary to create a differential
signal. High resolution ADCs often require a differential input.
In other cases, transmission over a long distance can require
differential signals for better immunity to interference.
Figure 61 shows how to configure the AD8251 to output a
differential signal. An op amp, the AD817, is used in an
inverting topology to create a differential voltage. VREF sets the
output midpoint according to the equation shown in the figure.
Errors from the op amp are common to both outputs and are
thus common mode. Likewise, errors from using mismatched
resistors cause a common-mode dc offset error. Such errors are
rejected in differential signal processing by differential input
ADCs or instrumentation amplifiers.
When using this circuit to drive a differential ADC, VREF can be
set using a resistor divider from the ADC reference to make the
output ratiometric with the ADC.
SETTING GAINS WITH A MICROCONTROLLER
+15V
MICRO-
CONTROLLER
–15V
A0
A1
WR
+IN
–IN
10
μF0.1µF
10
μF0.1µF
REF
AD8251
+
–
DGND
DGND
Figure 60. Programming Gain Using a Microcontroller
+12V
–12V
A0
A1
WR
+IN
10
μF
0.1
μF
10
μF
0.1
μF
AD8251
REF
G = 1
0.1µF
4.99k
Ω
4.99k
Ω
AD817
0.1µF
+12V
–12V
VREF
0V
VOUTA = VIN + VREF
2
2
VOUTB = –VIN + VREF
+2.5V
–2.5V
0V
+2.5V
–2.5V
0V
TIME
AMPLITUDE
0V
TIME
AMPLITUDE
+5V
–5V
AMPLITUDE
10pF
+12V
–12V
VIN
+
–
+
–
DGND
DGND
Figure 61. Differential Output with Level Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com