Electronic Components Datasheet Search
  English  ▼

X  

AD8476ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8476ARMZ
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8476ARMZ Datasheet HTML 6Page - Analog Devices AD8476ARMZ Datasheet HTML 7Page - Analog Devices AD8476ARMZ Datasheet HTML 8Page - Analog Devices AD8476ARMZ Datasheet HTML 9Page - Analog Devices AD8476ARMZ Datasheet HTML 10Page - Analog Devices AD8476ARMZ Datasheet HTML 11Page - Analog Devices AD8476ARMZ Datasheet HTML 12Page - Analog Devices AD8476ARMZ Datasheet HTML 13Page - Analog Devices AD8476ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 9 of 24
20
18
16
14
12
10
8
6
4
2
0
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
2kΩ LOAD
NO LOAD
Figure 11. Maximum Output Voltage vs. Frequency
1k
10k
100k
1M
RLOAD (Ω)
–55°C
–40°C
+25°C
+85°C
+125°C
+VS
0.050
0.025
0.075
0.100
0.125
–VS
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.150
0.175
Figure 12. Output Voltage Swing vs. RLOAD vs. Temperature, VS = ±5 V
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
15
5
6
7
8
9
10
11
12
13
14
RISE
FALL
Figure 13. Slew Rate vs. Temperature
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
50
5
10
15
20
25
30
35
40
45
VS = ±5V
VS = ±2.5V
Figure 14. Short-Circuit Current vs. Temperature
10µA
100µA
1mA
10mA
CURRENT (A)
+VS
0.050
0.025
0.075
0.100
0.125
–VS
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.150
0.175
+125°C
+85°C
+25°C
–40°C
–55°C
Figure 15. Output Voltage Swing vs. Load Current vs. Temperature,
VS = ±5 V
2µs/DIV
VIN
VOUT
Figure 16. Overdrive Recovery, VS = +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com