Electronic Components Datasheet Search
  English  ▼

X  

AD8476ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8476ARMZ
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8476ARMZ Datasheet HTML 12Page - Analog Devices AD8476ARMZ Datasheet HTML 13Page - Analog Devices AD8476ARMZ Datasheet HTML 14Page - Analog Devices AD8476ARMZ Datasheet HTML 15Page - Analog Devices AD8476ARMZ Datasheet HTML 16Page - Analog Devices AD8476ARMZ Datasheet HTML 17Page - Analog Devices AD8476ARMZ Datasheet HTML 18Page - Analog Devices AD8476ARMZ Datasheet HTML 19Page - Analog Devices AD8476ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
AD8476
Rev. B | Page 15 of 24
–30
–40
–50
–60
–70
–80
–90
–100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 47. Output Balance Error vs. Frequency
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
80
100
90
110
120
95
85
105
115
FREQUENCY (Hz)
Figure 48. 100 kHz Intermodulation Distortion
1k
100
10
1
0.1
10k
100k
1M
10M
FREQUENCY (Hz)
POSITIVE OUTPUT
NEGATIVE OUTPUT
Figure 49. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com