Electronic Components Datasheet Search
  English  ▼

X  

DS1375 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1375
Description  2-Wire Digital Input RTC with Alarm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1375 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1375 Datasheet HTML 1Page - Dallas Semiconductor DS1375 Datasheet HTML 2Page - Dallas Semiconductor DS1375 Datasheet HTML 3Page - Dallas Semiconductor DS1375 Datasheet HTML 4Page - Dallas Semiconductor DS1375 Datasheet HTML 5Page - Dallas Semiconductor DS1375 Datasheet HTML 6Page - Dallas Semiconductor DS1375 Datasheet HTML 7Page - Dallas Semiconductor DS1375 Datasheet HTML 8Page - Dallas Semiconductor DS1375 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICCS vs. VCC
VCC (V)
5.2
4.7
4.2
3.7
3.2
2.7
2.2
100
150
200
250
300
50
1.7
ICCA vs. VCC
10
20
30
40
50
60
70
80
90
100
0
VCC (V)
5.2
4.7
4.2
3.7
3.2
2.7
2.2
1.7
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
2-Wire Digital Input RTC with Alarm
4
_____________________________________________________________________
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
Figure 1. Data Transfer on 2-Wire Serial Bus
SERIAL BUS
INTERFACE AND
ADDRESS
REGISTER
DIVIDER
CONTROL
LOGIC
CLK
SCL
SDA
8192Hz/4096Hz/1024Hz/1Hz
MUX/
BUFFER
SQW/INT
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
ALARM AND
CONTROL
REGISTERS
SRAM
1Hz
DS1375
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com