Electronic Components Datasheet Search
  English  ▼

X  

HMC7229LS6 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC7229LS6
Description  Point to point radios
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7229LS6 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC7229LS6 Datasheet HTML 8Page - Analog Devices HMC7229LS6 Datasheet HTML 9Page - Analog Devices HMC7229LS6 Datasheet HTML 10Page - Analog Devices HMC7229LS6 Datasheet HTML 11Page - Analog Devices HMC7229LS6 Datasheet HTML 12Page - Analog Devices HMC7229LS6 Datasheet HTML 13Page - Analog Devices HMC7229LS6 Datasheet HTML 14Page - Analog Devices HMC7229LS6 Datasheet HTML 15Page - Analog Devices HMC7229LS6 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
HMC7229LS6
Rev. B | Page 15 of 15
OUTLINE DIMENSIONS
Figure 36. 16-Terminal Ceramic Leadless Chip with Heat Sink [LCC_HS]
(EP-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Package Body Material
Lead Finish
Temperature Range
Package Description
Package Option
HMC7229LS6
Alumina White
Gold over Nickel
−40°C to +85°C
16-Terminal LCC_HS
EP-16-2
HMC7229LS6TR
Alumina White
Gold over Nickel
−40°C to +85°C
16-Terminal LCC_HS
EP-16-2
EVAL01-HMC7229LS6
Evaluation Board
1
The HMC7229LS6 and HMC7229LS6TR are RoHS-Compliant Parts.
1.317 BSC
SIDE VIEW
TOP VIEW
5.90 BSC
0.50 MAX
0.44 BSC
6.10
6.00 SQ
5.90
PIN 1
INDICATOR
BOTTOM VIEW
COPLANARIT
Y
0.08
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
3
4
8
9
11
12
16
3.55
SQ
1.00 BSC
1.05
0.90
0.80
0.35
2.06
2.00
1.94
3.46
3.40
3.34
4.70
4.65
4.60
1.21
1.15
1.09
0.56
0.50
0.44
0.63
0.57
0.51
3.45
1.65
0.31
0.25
0.19
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13337-0-6/16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com