Electronic Components Datasheet Search
  English  ▼

X  

LM6165 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6165
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6165 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6165 Datasheet HTML 1Page - National Semiconductor (TI) LM6165 Datasheet HTML 2Page - National Semiconductor (TI) LM6165 Datasheet HTML 3Page - National Semiconductor (TI) LM6165 Datasheet HTML 4Page - National Semiconductor (TI) LM6165 Datasheet HTML 5Page - National Semiconductor (TI) LM6165 Datasheet HTML 6Page - National Semiconductor (TI) LM6165 Datasheet HTML 7Page - National Semiconductor (TI) LM6165 Datasheet HTML 8Page - National Semiconductor (TI) LM6165 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typ
LM6165
LM6265
LM6365
Units
Limit
Limit
Limit
(Notes 4, 12)
(Note 4)
(Note 4)
V
O
Output Voltage
Supply = ±15V,
+14.2
+13.5
+13.5
+13.4
V
Swing
R
L = 2kΩ
+13.3
+13.3
+13.3
Min
−13.4
−13.0
−13.0
−12.9
V
−12.7
−12.8
−12.8
Min
Supply = +5V
4.2
3.5
3.5
3.4
V
R
L = 2kΩ (Note 5)
3.3
3.3
3.3
Min
1.3
1.7
1.7
1.8
V
2.0
1.9
1.9
Max
Output Short
Source
65
30
30
30
mA
Circuit Current
20
25
25
Min
Sink
65
30
30
30
mA
20
25
25
Min
I
S
Supply Current
5.0
6.5
6.5
6.8
mA
6.8
6.7
6.9
Max
AC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Note 6)
Symbol
Parameter
Conditions
Typ
LM6165
LM6265
LM6365
Units
Limit
Limit
Limit
(Notes 4, 12)
(Note 4)
(Note 4)
GBW
Gain Bandwidth
F = 20 MHz
725
575
575
500
MHz
Min
350
Product
Supply = ±5V
500
SR
Slew Rate
A
V = +25 (Note 9)
300
200
200
200
V/µs
Min
180
Supply = ±5V
200
PBW
Power Bandwidth
V
OUT = 20 VPP
4.5
MHz
Product
t
S
Settling Time
10V Step to 0.1%
80
ns
A
V = −25, RL = 2kΩ
φ
m
Phase Margin
A
V = +25
45
Deg
A
D
Differential Gain
NTSC, A
V = +25
<0.1
%
φ
D
Differential Phase
NTSC, A
V = +25
<0.1
Deg
e
np-p
Input Noise Voltage
F = 10 kHz
5
i
np-p
Input Noise Current
F = 10 kHz
1.5
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Continuous short-circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150˚C.
Note 3: The typical junction-to-ambient thermal resistance of the molded plastic DIP (N) is 105˚C/Watt, and the molded plastic SO (M) package is 155˚C/Watt, and
the cerdip (J) package is 125˚C/Watt. All numbers apply for packages soldered directly into a printed circuit board.
Note 4: All limits guaranteed by testing or correlation.
Note 5: For single supply operation, the following conditions apply: V+ = 5V, V− = 0V, VCM = 2.5C, VOUT = 2.5V. Pin1&Pin8(VOS Adjust) are each connected
to Pin 4 (V−) to realize maximum output swing. This connection will degrade VOS.
Note 6: CL ≤ 5pF.
Note 7: In order to achieve optimum AC performance, the input stage was designed without protective clamps. Exeeding the maximum differential input voltage re-
sults in reverse breakdown of the base-emitter junction of one of the input transistors and probable degradation of the input parameters (especially VOS,IOS, and
Noise).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com