Electronic Components Datasheet Search
  English  ▼

X  

LM6165 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6165
Description  High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6165 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6165 Datasheet HTML 2Page - National Semiconductor (TI) LM6165 Datasheet HTML 3Page - National Semiconductor (TI) LM6165 Datasheet HTML 4Page - National Semiconductor (TI) LM6165 Datasheet HTML 5Page - National Semiconductor (TI) LM6165 Datasheet HTML 6Page - National Semiconductor (TI) LM6165 Datasheet HTML 7Page - National Semiconductor (TI) LM6165 Datasheet HTML 8Page - National Semiconductor (TI) LM6165 Datasheet HTML 9Page - National Semiconductor (TI) LM6165 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics R
L =10kΩ,TA = 25˚C unless otherwise specified (Continued)
Output Impedance
(Open-Loop)
DS009152-25
Gain vs Supply Voltage
DS009152-26
Differential Gain (Note 13)
DS009152-6
Differential Phase (Note 13)
DS009152-7
Note 13: Differential gain and differential phase measured for four series LM6365 op amps configured with gain of +25 (each output attenuated by 96%), in series
with an LM6321 buffer. Error added by LM6321 is negligible. Test performed using Tektronix Type 520 NTSC test system.
Step Response; Av = +25
TIME (50 (ns/div)
DS009152-1
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com