Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP1410
Description  The Compaq projector designed to fit any budget
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MP1410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP1410 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1410 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8/3/01
iPAQ Microportable Projector MP1410
The Compaq projector designed to fit any budget
At a glance
>>>>
Weighs only 1.95 kg
>>>>
950 lumens of
brightness
>>>>
SVGA resolution
>>>>
Plug and present
>>>>
Integrated
multimedia features
>>>>
Optional Home
Theater Kit
This affordable projector is designed for
portability while showcasing the most desirable
features of more bulky, expensive projectors.
The iPAQ Microportable Projector MP1410 is
for mobile professionals who deliver
presentations from a notebook PC to small and
medium sized audiences. And beyond the
business professional market, consumers will
use the iPAQ MP1410 and the optional Home
Theater Kit to enrich their video and DVD
movie experience at home.
The iPAQ MP1410 is particularly well suited for
middle and upper managers, sales executives,
and training specialists. It's the perfect
companion for “road warriors” who appreciate
innovations that lighten their load while
travelling and impress their audiences upon
arrival.
The iPAQ MP1410 is so small and light, it can
be carried in a bag together with a notebook
PC. And the price is so affordable, even
companies with today’s lean budgets can easily
purchase this technology.
What’s Special About This Product?
Small and light
The iPAQ Microportable Projector MP1410 is
amazingly compact, with a weight of only 1.95
kg and smaller than an A4 sheet of paper. It is
only 2868 cm
3 in volume and can easily fit into
most notebook carrying cases along with the
notebook. The projector
boasts a sophisticated,
sleek tower design that
minimizes the keystone
distortion found in other
projectors with a lower lens
height.
Easy to use
When the iPAQ MP1410 is first attached to a PC,
it detects the signal and automatically makes all
necessary adjustments. The PixelWorks
processor provides Plug and Present and
Autosynchronization capabilities, so technical
difficulties and tedious display and resolution
adjustments are not a worry. For additional fine-
tuning, the iPAQ MP1410 also features an
intuitive onscreen menu for easy and quick
image adjustments. A tripod can be easily
attached for projection convenience.
Bright, clear, and powerful
The iPAQ MP1410 provides a generous 950
lumens of brightness and 800x600 SVGA
graphics onscreen for crisp images. The design
includes leading technologies like Texas
Instruments’ DLP, Pixelworks’
graphics imager, and Osram’s
lamp excellence for optimal
image clarity, user flexibility,
and ease of use”
Durable
The iPAQ MP1410 is extremely rugged, thanks
to its sturdy magnesium casing; stronger than
plastic but much lighter. And of course, the iPAQ
MP1410 bears the Compaq name, which means
it is subjected to the same rigorous testing that
Compaq products like Evo notebook PCs
experience. Compaq backs the iPAQ
Microportable Projector MP1410 with a one-year
worldwide limited warranty with Advanced Unit
Replacement Program available in some
countries. Even the lamp has a 180-day
warranty – double the industry average.
Versatile
The iPAQ Microportable Projector MP1410 works
with almost any notebook PC. It can display
video from a VGA or DFP source, like the iPAQ
Pocket PC equipped with a Voyager VGA
adapter and PC Card Expansion Pack, or a DVD
drive on a notebook PC. Finally, it can display
video and S-video from DVD players,
camcorders, and VCRs
with the optional iPAQ
Home Theater Kit HT110
or the optional iPAQ
Multimedia Adapter Kit
MMA110.
Keystone
distortion
Digital
keystone
correction
Home Theater Kit HT110


Similar Part No. - MP1410

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
logo
M-System Co.,Ltd.
MP1410-0-FH MSYSTEM-MP1410-0-FH Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FR MSYSTEM-MP1410-0-FR Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FT MSYSTEM-MP1410-0-FT Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FV MSYSTEM-MP1410-0-FV Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
More results

Similar Description - MP1410

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SR3 STEALTH_MICROWAVE-SR3 Datasheet
164Kb / 6P
19 inch rack mount housings are designed to fit any of Stealth?셲 current models
logo
NXP Semiconductors
AN10397 PHILIPS-AN10397 Datasheet
81Kb / 10P
How to use the SC18IM700 to control any I2C-bus device
Rev. 01-5 December 2005
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
The VIPer100A-E is designed to deliver
18-Oct-2007
logo
NXP Semiconductors
AN10397 PHILIPS-AN10397_15 Datasheet
81Kb / 10P
How to use the SC18IM700 to control any I2C-bus device
Rev. 01-5 December 2005
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
Designed to allow user to cut 32-position adapter down to any size desired
logo
Intel Corporation
STK2MV64CC INTEL-STK2MV64CC Datasheet
3Mb / 4P
INTEL COMPUTE STICK BUILT TO PERFORM DESIGNED TO FIT
logo
Guangdong Youtai Semico...
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
The LESD3Z5.0CMT1G is designed to protect voltage
LESD5D5.0CT1G UMW-LESD5D5.0CT1G Datasheet
405Kb / 4P
The LESD5D5.0CT1G is designed to protect voltage
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com