Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MP1410
Description  The Compaq projector designed to fit any budget
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MP1410 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MP1410 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1410 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8/3/01
Models
Europe
230315-021
Switzerland
230315-111
Denmark
230315-081
Italy
230315-061
UK, South Africa
230315-031
Options
Multimedia Adapter &
Remote Control Kit
MMA110
246162-001
iPAQ Home Theater
Kit HT110
246161-001
Deluxe Carrying
Case
253364-001
Lamp L50
253365-001
Specifications
iPAQ Microportable Projector MP1410
Performance
Brightness
950 peak lumens (800 ANSI lumens)
Display Resolution
Displays SVGA (800x600)
Automatically scales up to SVGA from VGA or scales down from SXGA or XGA to fill screen.
Scales from Macintosh 832 x 624 compatible.
Portability
Dimensions (HxWxD)*
20.9 x 6.25 x 22.84 cm
Volume
2861 cubic cm
Weight
1.95 kg
Casing
Magnesium (stronger than plastics, 30% lighter than aluminum)
Image Quality
Technology
Texas Instruments Digital Light processing (DLP)
Contrast
400:1 contrast full-on; 150:1 checkerboard
Color
SMPTE-C – 24 bit 16.7 million colors
Lens
Type
Fixed Focal Length (adjustable focus)
Lens Height
15.18 cm
Throw Ratio (D/W)
2.24:1
Throw distance
1 to 9 meters
Offset
125% of image above centerline
Focus
Manual focus via focus ring around lens
Keystone correction
Digital keystone correction
Lamp Module
Warranty
180 days (see warranty statement below)
Replacement
User-replaceable with option kit Lamp L50 - 253365-001
Interface
Signal Interface
Standard analog VGA cable
User Interface
Standard Compaq 3 button OSD (includes zoom and keystone correction), Power and Resynch
Standards Supported
VGA, Plug and Play
User Adjustments
Brightness, Contrast, Positioning, Keystone Correction, Digital Zoom, Clock, Clock
Onscreen Display (OSD)
Brightness, Contrast, Positioning, Keystone Correction, Digital Zoom, Clock, Clock Phase, Color
Temperature, Menu Location Control, Power Saver, Lamp Hours, Lamp Hours Reset, Standby
Lamp Delay, Serial Number, Master Reset, Image Control
Tilt
10 degrees, using a tilt adjustment at the front of the unit
International
Languages
English, German, French, Spanish, Italian, Dutch, Japanese, and Chinese
Approvals/Certifications
CE, C.I.S.P.R. 22, VDE/TUV, UL Approval, FCC Class B Approval
Operating Conditions
Audible Noise Level
Only 36 dB (Decibels)
Horizontal Frequency
15 to 69 kHz for analog signals and 15 to 60 kHz for digital signals
Vertical Frequency
48 to 85 Hz for analog signals and 48 to 75 Hz for digital signals
Operating Temperature
10
° to 40°C
Operating Humidity
(non-condensing)
20% to 80%
Warranty
The MP1410 projector comes with a one-year worldwide limited warranty. In North America,
Europe and Asia Pacific, the Advanced Unit Replacement program offers a new or “like new”
replacement of a defective unit in 48 hours during the one-year warranty period. In all other
regions, a replacement is available by mail-in. There is a 180-day standard bulb warranty. Within
the bulb warranty period, defective bulbs will be replaced via overnight shipment. Multimedia
adapter and Home Theater Kit come with a one-year worldwide limited warranty. Compaq
telephone hotline support is available 7 x 24 (terms and conditions vary from region to region).
* Due to the unique shape the width reaches 7.6 cm at its widest point
The information in this publication is subject
to change without notice.
©2001 Compaq Computer Corporation.
Compaq Registered in United States Patent
and Trademark Office. Evo and iPAQ are
trademarks of Compaq Information
Technologies Group, L.P. in the United
States and other countries. Intel and
Pentium are either registered trademarks or
trademarks of Intel Corporation in the
United States and/or other countries.
Microsoft and Windows NT are either
registered trademarks or trademarks of
Microsoft Corporation in the United States
and/or other countries. Other product
names mentioned herein may be
trademarks and/or registered trademarks of
their respective companies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com