Electronic Components Datasheet Search
  English  ▼

X  

AMP04FPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AMP04FPZ
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AMP04FPZ Datasheet HTML 9Page - Analog Devices AMP04FPZ Datasheet HTML 10Page - Analog Devices AMP04FPZ Datasheet HTML 11Page - Analog Devices AMP04FPZ Datasheet HTML 12Page - Analog Devices AMP04FPZ Datasheet HTML 13Page - Analog Devices AMP04FPZ Datasheet HTML 14Page - Analog Devices AMP04FPZ Datasheet HTML 15Page - Analog Devices AMP04FPZ Datasheet HTML 16Page - Analog Devices AMP04FPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AMP04
REV.
–12–
120
0
200
60
20
–160
40
–200
100
80
160
80
40
0
120
–40
–80
–120
INPUT OFFSET VOLTAGE –
V
TA = 25 C
VS = 5V
VCM = 2.5V
BASED ON 300 UNITS
3 RUNS
Figure 16. Input Offset (VIOS) Distribution @ 5 V
2.50
0.25
0
2.25
1.75
1.50
1.25
2.00
1.00
0.75
0.50
TCVIOS – V/ C
120
0
60
20
40
100
80
300 UNITS
VS = 5V
VCM = 2.5V
Figure 17. Input Offset Drift (TCVIOS) Distribution @ 5 V
2.0
–1.6
–2.0
1.6
0.8
0.4
0
1.2
–0.4
–0.8
–1.2
OUTPUT OFFSET – mV
120
0
60
20
40
100
80
TA = 25 C
VS = 5V
VCM = 2.5V
BASED ON 300 UNITS
3 RUNS
Figure 18. Output Offset (VOOS) Distribution @ 5 V
0.5
–0.4
–0.5
0.4
0.2
0.1
0
0.3
–0.1
–0.2
–0.3
INPUT OFFSET VOLTAGE – mV
120
0
60
20
40
100
80
TA = 25 C
VS = 15V
VCM = 0V
BASED ON 300 UNITS
3 RUNS
Figure 19. Input Offset (VIOS) Distribution @
±15 V
2.50
0.25
0
2.25
1.75
1.50
1.25
2.00
1.00
0.75
0.50
TCVIOS – V/ C
120
0
60
20
40
100
80
300 UNITS
VS = 15V
VCM = 0V
Figure 20. Input Offset Drift (TCVIOS) Distribution @
±15 V
5
–4
–54
2
1
03
–1
–2
–3
OUTPUT OFFSET – mV
120
0
60
20
40
100
80
TA = 25 C
VS = 15V
VCM = 0V
BASED ON 300 UNITS
3 RUNS
Figure 21. Output Offset (VOOS) Distribution @
±15 V
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com