Electronic Components Datasheet Search
  English  ▼

X  

AMP04FPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AMP04FPZ
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AMP04FPZ Datasheet HTML 10Page - Analog Devices AMP04FPZ Datasheet HTML 11Page - Analog Devices AMP04FPZ Datasheet HTML 12Page - Analog Devices AMP04FPZ Datasheet HTML 13Page - Analog Devices AMP04FPZ Datasheet HTML 14Page - Analog Devices AMP04FPZ Datasheet HTML 15Page - Analog Devices AMP04FPZ Datasheet HTML 16Page - Analog Devices AMP04FPZ Datasheet HTML 17Page - Analog Devices AMP04FPZ Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AMP04
Rev. C | Page 17
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AMP04EPZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
AMP04ESZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04ESZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04FPZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
AMP04FS
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04FS-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04FSZ
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04FSZ-R7
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04FSZ-RL
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AMP04GBC
25°C
Die
1 Z = RoHS Compliant Part.
REVISION HISTORY
6/15—Rev. B to Rev. C
Changes to Absolute Maximum Ratings ....................................... 5
Change to Input Common-Mode Range Includes Ground
Section................................................................................................ 6
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
©2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00250-0-6/15(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com