Electronic Components Datasheet Search
  English  ▼

X  

MS1079 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1079
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1079 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1079 Datasheet HTML 1Page - Advanced Power Technology MS1079 Datasheet HTML 2Page - Advanced Power Technology MS1079 Datasheet HTML 3Page - Advanced Power Technology MS1079 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
053-7052 Rev - 10-2002
MS1079
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 200mA
IE = 0mA
110
---
---
V
BVCEO
IC = 200mA
IB = 0mA
55
---
---
V
BVEBO
IE = 20mA
IC = 0mA
4.0
---
---
V
ICEO
VCE = 30V
IE = 0mA
---
---
5
mA
ICES
VCE = 55V
IE = 0mA
---
---
10
mA
hFE
VCE = 6V
IC = 10A
15
---
80
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f =30 MHz
VCE = 50 V
ICQ=150mA
220
---
---
WPEP
Gp
f =30 MHz
VCE = 50 V
ICQ=150mA
13
---
---
dB
IMD
f =30 MHz
VCE = 50 V
ICQ=150mA
---
---
-30
dBc
ηηηηC
f =30 MHz
VCE = 50 V
ICQ=150mA
40
---
---
%
COB
f = 1 MHz
VCB = 50 V
---
---
390
pF
Conditions f1= 30.000 MHz
f2 = 30.001 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com