Electronic Components Datasheet Search
  English  ▼

X  

MS6257 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6257 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MS6257 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 9Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 10Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
9
www.mosanalog.com.tw
Example
Mute off
Data byte
1
000
00
MSB
10
ACK
Start
0111
00
10
MS6257 address
2-ch, Mute off
LSB
Stop
The initial condition is –79dB and mute on when power up. The first command must disable the mute function.
Set gain of 2 channel at 0dB
ACK
Stop
11
00
00
00
2-ch, +1dB/step, 0dB
ACK
Start
MS6257 Address
ACK
1110
00
00
2-ch, -10dB/step, 0dB
110
1
0
0
00
ACK
2-ch, -1dB/step, 0dB
Set gain of 2 channel at 6dB
The value of attenuation must be set zero when the volume from attenuation to gain.
ACK
Stop
11
00
10
01
2-ch, +1dB/step, 6dB
ACK
Start
MS6257 Address
ACK
1110
00
00
2-ch, -10dB/step, 0dB
110
1
0
0
00
ACK
2-ch, -1dB/step, 0dB
Set gain of 2 channel at -3dB
The value of gain must be set zero when the volume from gain to attenuation.
ACK
Start
MS6257 Address
ACK
1100
00
00
2-ch, +1dB/step, 0dB
111
0
0
0
00
ACK
2-ch, -10dB/step, 0dB
ACK
Stop
11
01
11
00
2-ch, -1dB/step, -3dB
Set attenuation of left channel at –33dB
ACK
Start
MS6257 Address
ACK
Stop
1011
1
1
00
L-ch, -10dB/step, -30dB
1010
11
00
ACK
L-ch, -1dB/step, -3dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com