Electronic Components Datasheet Search
  English  ▼

X  

MS6257 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6257 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS6257 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS6257 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
1
www.mosanalog.com.tw
Gain and Attenuation Volume Controller IC
One Set of Stereo Input, Low voltage
Gain and Attenuation 15~-79dB
FEATURES
‧Operation range: 2.7V~5.5V
‧Low power consumption
‧Gain/Attenuation: 15dB to –79dB at 1dB/step
‧Housed in 8 pin SOP package
‧I
2C interface
APPLICATIONS
‧Multimedia system
‧Hi-Fi audio system
‧MP3, PDA
‧Cross-reference PT2257, PT2259
DESCRIPTION
The MS6257 is the stereo audio volume controller IC. It uses CMOS technology specially for the low voltage
application with low noise, rail-to-rail output. The MS6257 provide an I
2C control interface with gain / attenuation
range of 15dB to –79dB, 1dB/step. The initial condition is set to be maximum attenuation –79dB and mute on mode
when the power is up.
PIN CONFIGURATION
Symbol
Pin
Description
L-IN
1
Left channel input
L-OUT
2
Left channel output
VSS
3
Ground
SDA
4
I
2C data input
SCL
5
I
2C clock input
VDD
6
Positive supply voltage
R-OUT
7
Right channel output
R-IN
8
Right channel input
7
6
5
8
2
3
4
1
MS6257
R-IN
R-OUT
VDD
SCL
L-IN
L-OUT
VSS
SDA
BLOCK DIAGRAM
R-IN
REF
SDA
SCL
R-OUT
L-OUT
I2C Interface
-10dB/STEP
-1dB/STEP
1dB/STEP
Serial Bus Decoder and Latches
Reference
Circuit
1dB/STEP
-1dB/STEP
-10dB/STEP
L-IN


Similar Part No. - MS6257

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257 Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257GTR MOSA-MS6257GTR Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257GTR MOSA-MS6257GTR Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257GU MOSA-MS6257GU Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results

Similar Description - MS6257

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com