Electronic Components Datasheet Search
  English  ▼

X  

DG08 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG08
Description  simplified coil connections
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG08 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG08 Datasheet HTML 1Page - American Electronic Components, inc DG08 Datasheet HTML 2Page - American Electronic Components, inc DG08 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
0
8
-
-
5
-
-
Contact material
20
-
AgNi (90/10)
See coil tables 1 or 2
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Options
Nil
-
No options
G
-
Increased contact gap (may be specified with std, Class F or Class H insulation)
F
-
UL Class F insulation for higher ambient temperatures
H
-
UL Class H insulation for high ambient temperatures
M
-
Suitable for reflow soldering
DG08
miniature automotive twin power relay
Ref: DG08 121913JHM
Coil Data (600mW - standard version)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
S006
6
60
3.6
0.6
S009
9
135
5.4
0.9
S010
10
167
6.3
1.0
S012
12
240
7.3
1.2
S024
24
960
14.4
2.4
Coil Data (800mW - increased contact gap version)*
Table 2
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1006
6
45
3.6
0.6
1009
9
100
5.4
0.9
1010
10
123
6.3
1.0
1012
12
180
7.3
1.2
1024
24
720
14.4
2.4
* Contact gap increased to 0.45mm
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com