Electronic Components Datasheet Search
  English  ▼

X  

DG08 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG08
Description  simplified coil connections
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG08 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG08 Datasheet HTML 1Page - American Electronic Components, inc DG08 Datasheet HTML 2Page - American Electronic Components, inc DG08 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG08
miniature automotive twin power relay
Contacts
Contact number & arrangement
2 x SPDT (1 Form C)
Contact material
AgNi0.15; AgNi90/10; AgSnOInO
Max. switching voltage
DC 16VDC (consult factory for 24VDC)
Min. switching current / voltage
100mA / 5VDC (AgNi0.15); 500mA / 5VDC (AgSnOInO)
Rated load
DC1 20A/12VDC
Max. continuous current
DC1 35A (10 mins) / 25A (1hr)
Max. switching current2 (AgSnOInO)
Make 60A
Break 20A
Initial contact resistance
100mΩ max. at 0.1A/6VDC
Coil
Rated voltage
DC 6...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1 and coil table 2
Rated power consumption
DC 0.6W (table 1) / 0.8W (table 2) for increased contact gap version
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
ms 10
Release time (typical)
ms 5
Electrical Life3
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 24.3 x 15.8 x 14.0mm (excluding terminal pins)
Weight
13g approx.
Ambient temperature
storage -40 to 100°C
operating -30 to 85°C
Shock resistance
Functional: 10g 11ms; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature - only 24.3 x 15.8 x 14mm.
• 2 relays in one package
• simplified coil connections
• Up to 60A 12VDC switching.
• Special option for motor loads.
• RoHS Compliant.
Ref: DG08 121913JHM


Similar Part No. - DG08

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG08 WILLOW-DG08 Datasheet
328Kb / 3P
miniature automotive twin power relay
logo
Solid State Supplies.
DG08-20-25-S006-F DURAKOOL-DG08-20-25-S006-F Datasheet
374Kb / 2P
Miniature Automotive Twin Power Relay
DG08-20-25-S006-G DURAKOOL-DG08-20-25-S006-G Datasheet
374Kb / 2P
Miniature Automotive Twin Power Relay
DG08-20-25-S006-H DURAKOOL-DG08-20-25-S006-H Datasheet
374Kb / 2P
Miniature Automotive Twin Power Relay
DG08-20-25-S006-M DURAKOOL-DG08-20-25-S006-M Datasheet
374Kb / 2P
Miniature Automotive Twin Power Relay
More results

Similar Description - DG08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UATL30MC ETC-UATL30MC Datasheet
30Kb / 1P
SIMPLIFIED CIRCUIT SCHEMATIC
logo
Connor-Winfield Corpora...
MSTM-SEC1 CONNOR-WINFIELD-MSTM-SEC1 Datasheet
1Mb / 16P
Simplified Control Timing Module
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
Terminal connections
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Japan Aviation Electron...
KD10 JAE-KD10 Datasheet
295Kb / 6P
SIMPLIFIED COAXIAL, MULTIPLETYPE
logo
PHOENIX CONTACT
2202993 PHOENIX-2202993 Datasheet
77Kb / 1P
Simplified representation
logo
TE Connectivity Ltd
LEV200 TEC-LEV200 Datasheet
469Kb / 2P
n Versatile coil/power connections
logo
Tyco Electronics
KILOVAC-EV200 MACOM-KILOVAC-EV200 Datasheet
255Kb / 2P
Versatile coil/power connections
logo
TE Connectivity Ltd
KILOVAC-LEV200 TEC-KILOVAC-LEV200 Datasheet
469Kb / 2P
n Versatile coil/power connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
Power connections
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com