Electronic Components Datasheet Search
  English  ▼

X  

DG71 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # DG71
Description  Utility meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG71 Datasheet(HTML) 3 Page - American Electronic Components, inc

  DG71 Datasheet HTML 1Page - American Electronic Components, inc DG71 Datasheet HTML 2Page - American Electronic Components, inc DG71 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPST-NO / SPST-NC (as delivered)
SPDT
Single Coil
Single Coil
Twin Coil
Twin Coil
1(-)
2(+)
1(+)
2(-)
5(+)
2(-) 1(-)
5(+)
1(+)
2(-)
1(-)
2(+)
1(-)
5(+) 5(+)
2(-)
Mode of Operation
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG71
industrial bistable (latching) power relay
All dimensions in mm
Specifications are subject to change without notice. E&OE.
Ref: DG71 071516JHM
Notes:
1) All parameters, unless otherwise specified, are measured at an ambient temperature of 23°C.
Wiring Diagrams
Fig. 2
Pin 5 not fitted for single coil latch
Pin 6 only fitted for SPDT (Form C)
NB: Operate & Reset coils must not be powered simultaneously.
Specifications are liable to change without notice. E&OE.
1A /1B not fitted
1A /1B not fitted
DG71L
DG71N
Overall Dimensions
Fig. 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com