Electronic Components Datasheet Search
  English  ▼

X  

DG71 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG71
Description  Utility meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG71 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG71 Datasheet HTML 1Page - American Electronic Components, inc DG71 Datasheet HTML 2Page - American Electronic Components, inc DG71 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG71
industrial bistable (latching) power relay
Contacts
Contact number & arrangement
SPST-NO (1 Normally Open - Form A), SPDT (Changeover - Form C)
Contact material
AgSnO
2
Max. switching voltage
277VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
20A/250VAC (SPST-NO) ; 16A/10A/250VAC (SPDT)
Max. switching power
5000VA (20K ops)
Initial resistance
20mΩ max. at 0.1A/6VDC
Coil
Rated voltage
9...48VDC
Operating range of supply voltage
See coil table 1
Rated power consumption
Single coil Single coil: 1.0W / Twin coil: 2.0W
Insulation
Insulation resistance
>1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 1000Vrms, 1min (50Hz)
Creepage & Clearance 8mm
General Data
Operating time (max.)
ms 15
Release time (max.)
ms 15
Electrical Life
ops 1 x 105 (16A/250VAC resistive), 2 x 104 (20A/250VAC resistive)
Mechanical life
ops 1 x 106
Dimensions
L x W x H 29 x 12.7 x 15.7mm (see drawings for detail)
Weight
≤ 15g
Ambient temperature
storage -40 to 70°C
operating -40 to 70°C (Class F)
Shock resistance
Functional: 98m/s2; Destructive: 980m/s2
Vibration resistance
10-55Hz: DA 1.5mm
Humidity
5% ~ 98%RH, 40°C
• Up to 20A /250VAC continuous rating
• Single Coil & Twin Coil Latching
• Small size 29 x 12.7 x 15.7mm
• Utility meters
• Solar / Energy Conservation
• RoHS Compliant
Ref: DG71 071516JHM
Pending
Specifications are liable to change without notice. E&OE.


Similar Part No. - DG71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DG7-31 NXP-DG7-31 Datasheet
239Kb / 8P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES
3.3.1957
DG7-32 PHILIPS-DG7-32 Datasheet
362Kb / 11P
LOW VOLTAGE CATHODE RAY TUBE FOR OSCILLOSCOPES TUBE
3.3.1957
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
DG721 VISHAY-DG721 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
DG721DN-T1-GE4 VISHAY-DG721DN-T1-GE4 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
More results

Similar Description - DG71

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS14250MLB SAFT-LS14250MLB Datasheet
841Kb / 2P
3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
logo
List of Unclassifed Man...
AU-1039 ETC2-AU-1039 Datasheet
62Kb / 1P
UTILITY CABINET
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Bud Industries, Inc.
CU-463 BUD-CU-463 Datasheet
53Kb / 1P
CONTOUR UTILITY CABINET
logo
Xilinx, Inc
DS481 XILINX-DS481 Datasheet
196Kb / 5P
Utility Vector Logic
DS482 XILINX-DS482 Datasheet
188Kb / 5P
Utility Reduced Logic
DS647 XILINX-DS647 Datasheet
181Kb / 5P
LogiCORE IP Utility Differential
DS694 XILINX-DS694 Datasheet
154Kb / 4P
Utility IO Multiplexer
logo
ADL Embedded Solutions
ADLSSTV2.0 ADL-ADLSSTV2.0 Datasheet
461Kb / 1P
Software Utility
logo
Renesas Technology Corp
ISL31490E RENESAS-ISL31490E Datasheet
1Mb / 26P
Utility meters/automated meter reading systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com