Electronic Components Datasheet Search
  English  ▼

X  

HM28 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HM28
Description  Buckle Style Core Common-Mode Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM28 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HM28 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6-74
Model HM28 Series
1000
300
100
30
10
3
1
0.3
0.1
0.01 0.03
0.1
0.3
1
3
10
30
100
FREQUENCY (MHz)
1000
300
100
30
10
3
1
0.3
0.1
0.01 0.03
0.1
0.3
1
3
10
30
100
FREQUENCY (MHz)
1000
300
100
30
10
3
1
0.3
0.1
0.01 0.03
0.1
0.3
1
3
10
30
100
FREQUENCY (MHz)
1000
300
100
30
10
3
1
0.3
0.1
0.01 0.03
0.1
0.3
1
3
10
30
100
FREQUENCY (MHz)
016
Impedance vs. Frequency
012, 014, 016
001, 003, 005
026, 029, 032
043, 046, 049
PERFORMANCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com