Electronic Components Datasheet Search
  English  ▼

X  

HM28 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM28
Description  Buckle Style Core Common-Mode Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM28 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM28 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM28 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
6-69
Model HM28 Series
FEATURES AND BENEFITS
• Compact size, large inductance
• Excellent frequency characteristic
• Low magnetic flux leakage
• Complies with UL, VDE safety requirements
Insulation Resistance, Minimum
100 Megohm
Voltage Rating
250 VAC
Insulation System
Class B, 130°C
Temperature Rise, Maximum
40°C
MODEL HM28 SERIES
Buckle Style Core
Common-Mode Chokes
Specifications subject to change without notice.
APPLICATIONS
• Switching power supplies
• Video and audio equipment
• Office equipment
• Communications equipment and other electronic devices
ELECTRICAL / ENVIRONMENTAL
(3)
(2)
L2
L1
(4)
(1)
SCHEMATIC


Similar Part No. - HM28

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM28 HSMC-HM28 Datasheet
33Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Bi technologies
HM28 BITECH-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
Bi technologies
HM28-20001LF BITECH-HM28-20001LF Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
HM28-20001LF BITECH-HM28-20001LF Datasheet
1,001Kb / 2P
Buckle Style Core Common-Mode Chokes
More results

Similar Description - HM28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
EE Style Common-Mode Chokes
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
Toroid Style Common-Mode Chokes
HM28 BITECH-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
Pulse A Technitrol Comp...
PE-1206CCMC222STS PULSE-PE-1206CCMC222STS Datasheet
163Kb / 3P
2-LINE CHIP STYLE COMMON MODE CHOKES
logo
Bi technologies
HM28 BITECH-HM28_15 Datasheet
1,001Kb / 2P
Buckle Style Core Common-Mode Chokes
logo
TT Electronics.
HM28 TTELEC-HM28 Datasheet
1Mb / 2P
Buckle Style Core Common-Mode Chokes
logo
RENCO ELECTRONICS, INC.
RL-1328 RENCO-RL-1328 Datasheet
1Mb / 4P
COMMON MODE CHOKES U-CORE DESIGN
RL-1329 RENCO-RL-1329 Datasheet
1Mb / 4P
COMMON MODE CHOKES U-CORE DESIGN
RL-1361 RENCO-RL-1361 Datasheet
1Mb / 3P
COMMON MODE CHOKES EE CORE DESIGN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com