Electronic Components Datasheet Search
  English  ▼

X  

4034 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4034
Description  Repetition rate of 0.1 Hz to 50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4034 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4034 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4034 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4034 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2
w
w w
w w
w..b
bk
k p
prre
ec
c iis
siio
on
n..c
c o
om
m
50 MHz Programmable Pulse Generators
Models 4033 & 4034
Front Panel Interface
For added flexibility, variable rise and fall times
can be programmed from 6 ns to 100 ms.
Various shapes of pulses can be obtained for
applications where parameters such as linearity,
switching times, or reflection times must be ana-
lyzed. Programmable rise and fall times could be
used to measure operational amplifier slew rates
and easily test thresholds of devices and circuits.
Variable Transitions
In the external width pulse mode, pulse period
and width are determined by an externally
applied signal. The pulse generator then applies
transition and level parameters to this signal in
order to generate the pulse. A power supply
designer for example could use this feature to
shape the width and period of the output signal
to drive the power supply’s FET transistors while
remaining synchronized with its control circuits.
External Width
These generators use a menu-driven front panel
keypad and control knob to adjust all parameters.
The bright, easy-to-read display shows all rele-
vant parameters along with a graphical represen-
tation of the output pulse. If an entered parame-
ter is not compatible with the existing setup sta-
tus, the operator is informed by an error mes-
sage.
Users can conveniently select predefined ampli-
tude levels for TTL, ECL, and CMOS signals, or
choose a custom amplitude level for specialized
applications.
Straightforward User Interface
Industry Leading Performance
F1-F5 Key – Select menu options
that appear on the bottom section
of the LCD display
Menu Keys – Selects menu
options for waveform parameters
Output On Button – Turns the
main output signal on or off
4033 Output Section –
Main output and Sync
output
Manual Trigger Key – Sends
manual trigger pulse when
pushed (requires instrument
to be in manual trigger
mode)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com