Electronic Components Datasheet Search
  English  ▼

X  

4034 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4034
Description  Repetition rate of 0.1 Hz to 50 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4034 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4034 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4034 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4034 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 4033 and 4034 are high performance pro-
grammable pulse generators for testing digital
systems and circuits based on TTL, CMOS, or
ECL technologies. Both instruments generate
clean and accurate pulses at up to 6 digits reso-
lution with a repetition rate up to 50 MHz, vari-
able pulse widths from 10 ns to 10 s, and pulse
delays from 0 ns to 10 s. Output levels are
adjustable from -10 V to +10 V, with pulse
amplitudes settable from 0.1 Vpp to 10 Vpp into
a 50 ohm load. All parameters, modes, and
functions are programmable via the front panel
or remote control commands. Additionally, the
pulse generators provide selectable complemen-
tary pulse and double pulse generation in contin-
uous, triggered, gated, and counted burst
modes.
50 MHz Programmable Pulse Generators
Models 4033 & 4034
Description
Features & Benefits
Applications
Data Sheet
w
w w
w w
w..b
bk
k p
prre
ec
c iis
siio
on
n..c
c o
om
m
I
Repetition rate of 0.1 Hz to 50 MHz
I
Flexible trigger modes: Continuous, Triggered
(internal, external, manual), Gated Burst and
External Width
I
Pulse width programmable from 10 ns to 10 s
I
Transition times (rise and fall times) variable
from 6 ns to 100 ms
I
Programmable delay and double pulse
I
Predefined amplitude levels for ECL, TTL, and
CMOS signals
I
Store up to 99 different test setups with auto
retention of last power down setup
I
10 Vpp into 50 ohm output
I
Closed case calibration
I
Programmable via GPIB and RS-232
I
SCPI compatible
I
Three year warranty
I
Automatic Test Equipment (ATE)
I
Avionics and radar testing
I
Switching power supply testing
I
Characterization of active components
Dual-Channel Model 4034
I
Both channels offer full functionality and all
parameters such as pulse width and transition
time can be set independently
I
Synchronize both channels with the push of a
button
I
Saves cost and bench space
Technical data subject to change
© B&K Precision Corp. 2010


Similar Part No. - 4034

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
4034 MICRONETICS-4034 Datasheet
71Kb / 3P
CONNECTORIZED PHASE SHIFTERS
logo
B&K Precision Corporati...
4034 BK-4034 Datasheet
326Kb / 3P
50 MHz Programmable Pulse Generators
logo
Heyco.
4034 HEYCO-4034 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
Adafruit Industries
4034 ADAFRUIT-4034 Datasheet
239Kb / 2P
13.56MHz RFID/NFC Card NTAG203 Chip
logo
List of Unclassifed Man...
4034-326 ETC2-4034-326 Datasheet
75Kb / 3P
NEMA 34 Step Motor
More results

Similar Description - 4034

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Micronetics, Inc.
NMA2006-A1D MICRONETICS-NMA2006-A1D Datasheet
295Kb / 2P
Legacy 100 Hz to 30 MHz
NMA2104-A2S MICRONETICS-NMA2104-A2S Datasheet
163Kb / 2P
Legacy 100 Hz to 3 MHz
NMA2106-A2S MICRONETICS-NMA2106-A2S Datasheet
163Kb / 2P
Legacy 100 Hz to 30 MHz
NZG5-5M MICRONETICS-NZG5-5M Datasheet
161Kb / 2P
Legacy 100 Hz to 5 MHz
NZG10-2M MICRONETICS-NZG10-2M Datasheet
161Kb / 2P
Legacy 100 Hz to 2 MHz
NZG25-1M MICRONETICS-NZG25-1M Datasheet
161Kb / 2P
Legacy 100 Hz to 1 MHz
logo
Texas Instruments
LMH6551 TI-LMH6551 Datasheet
1Mb / 28P
50 MHz 0.1 dB Bandwidth, 2400 V/關s Slew Rate, 18 ns Settling Time to 0.05%
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com