Electronic Components Datasheet Search
  English  ▼

X  

8616 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 8616
Description  Voltage range up to 500 V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8616 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  8616 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.bkprecision.com
Programmable DC Electronic Loads
8600 Series
4
Flexible operation
Automatic test mode
The 8600 Series can execute multiple test
sequences in automatic test mode. Up to 100
different sequences can be linked to run steps of
various operating modes and loading conditions.
Each sequence can also be programmed with
upper and lower limit Pass/Fail criteria. When
applied in production testing, you can easily
judge whether the test parameters of your
devices are within the specification limits and
adjust your process according to the Pass/Fail
verdict.
List mode
Not limited to just switching between two levels,
list mode lets you generate more complex
sequences of input changes with several different
levels. Up to 7 groups of list files can be saved
and executed in CC mode via internal or external
trigger. Each list can contain up to 84 steps with
varying slew rates and a minimum width time of
20
μsperstep.
CR-LED mode
Use the load’s unique CR-LED operating mode
to test LED drivers. This function allows users to
configure the LED’s operating resistance and
forward voltage to simulate the loading behavior
of typical LEDs.
Low voltage operation
The 8600 Series can operate at low voltages for applications such as fuel cell and solar cell testing.
Vd = Forward voltage of the LED
Rd = LED operating resistance
Vo = LED operating voltage
Io = LED operating current
Voltage (V)
12
3
4
5
0
Typical minimum operating voltage at full scale current
8600
8601
8602
8610
8612
8614
8616
1.1 V
1.1 V
4.5 V
1.2 V
3.6 V
1.5 V
3.6 V
8614
8610
8602
8601
8616
8600
8612
I
V
LED I-V Curve
Transient operation enables the load to periodically
switch between two load levels (A/B). A power
supply’s regulation and transient characteristic can
be evaluated by monitoring the supply’s output
voltage under varying combinations of load levels,
duty cycle, and slew rate. The 8600 Series can
simulate these conditions in CC, CV, CW, and CR
mode.
Transient operation
A level
Trigger
01
2
3 4
5
6
7
8
Steps
t
A
Slew Rate
B level
A
t
I
V
CC 1 A
1 s
0.5 s
1.5 s
2.5 s
CV 3 V
Io
Vd
Vo
Rd
CW 0.5 W
CR 2
Ω
pass
pass
pass
fail
≈
240
120
60
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com