Electronic Components Datasheet Search
  English  ▼

X  

8616 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8616
Description  Voltage range up to 500 V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8616 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8616 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 3Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 4Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 5Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 6Page - List of Unclassifed Manufacturers 8616 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Programmable DC Electronic Loads
8600 Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2015
The 8600 Series programmable DC electronic
loads provide the performance of modular system
DC electronic loads in a compact benchtop form
factor. With fast transient operation speeds and
high 16-bit measurement resolution, these
standalone DC loads can be used for testing and
evaluating a variety of DC sources such as DC
power supplies, DC-DC converters, batteries,
battery chargers, and photovoltaic arrays.
The DC loads can operate in constant current
(CC), constant voltage (CV), constant resistance
(CR), or constant power (CW) mode and be
configured to provide a dynamically changing load
to the DC source with fast load switching times.
Versatile internal, external, and remote triggering
options allow the dynamic load behavior to be
synchronized with other events.
Increase productivity by saving your test
parameters into any one of the 100 memory
Features
I
Voltage range up to 500 V
I
Current range up to 240 A
I
CC/CV/CR/CW operating modes
I
16-bit voltage and current measurement
system providing 1 mV / 0.1 mA resolution
I
Transient mode up to 25 kHz in CC mode
I
List mode function
I
Store and recall up to 100 setups
I
Adjustable slew rate in CC mode
I
Flexible triggering options via front panel,
external input, timer, or bus
I
Built-in battery test function with voltage level,
capacity level, and timer stop conditions
I
Test modes to validate the OCP/OPP
protection functions of a power supply
I
CR-LED mode to simulate the loading behavior
of typical LEDs
I
Remote sense
I
Analog current control and monitoring
I
Thermostatically controlled fan
I
Standard USB (USBTMC-compliant), RS232,
and GPIB interfaces supporting SCPI
commands for remote control
I
OVP/OCP/OPP/OTP including local and
remote reverse voltage (LRV/RRV) protection
I
Compact 19” half-rack form factor allows for
side-by-side rack mounting of two units
(models 8600, 8601 and 8602)
Model
8600
8601
8602
8610
8612
8614
8616
Power
150 W
250 W
200 W
750 W
750 W
1500 W
1200 W
Operating
Voltage
0 – 120 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
Rated Current
0 – 30 A
0 – 60 A
0 – 15 A
0 – 120 A
0 – 30 A
0 – 240 A
0 – 60 A
areas for quick system recall. All load parameters
such as voltage, current, slew rate, and width
can be set via the front panel or programmed
remotely. The 8600 Series provides standard
USB (USBTMC-compliant), GPIB, or RS-232
serial interfaces for remote communication.
To ensure the reliability of your testing, the 8600
Series provides a power-on system self-test and
numerous protection features: overtemperature
(OTP), overvoltage (OVP), overcurrent (OCP),
overpower (OPP), and local/remote reverse
voltage (LRV/RRV) protection.
Special Applications
The 8600 Series provides a built-in battery test
mode to measure the ampere-hour (Ah)
characteristic of a battery and a unique CR-LED
mode to simulate the loading behavior of a
typical LED.


Similar Part No. - 8616

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Keystone Electronics Co...
8616 KEYSTONE-8616 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Molex Electronics Ltd.
86160-0000 MOLEX-86160-0000 Datasheet
107Kb / 4P
86065-5000
More results

Similar Description - 8616

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
logo
QUARTZCOM the communica...
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 500 MHz
logo
Nell Semiconductor Co.,...
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
Voltage rating up to 1800 V
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
Input voltage range up to 60V
logo
Recom International Pow...
RAC-ADAPT-ST-1 RECOM-RAC-ADAPT-ST-1 Datasheet
1Mb / 4P
Up to 488VAC input voltage range
logo
Nisshinbo Micro Devices...
R1500H NISSHINBO-R1500H Datasheet
591Kb / 27P
500 mA LDO Regulator (Operating Voltage up to 24 V) for Automotive Applications
R1500X NISSHINBO-R1500X Datasheet
2Mb / 27P
500 mA LDO REGULATOR (Operating Voltage up to 24 V)
logo
NXP Semiconductors
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com