Electronic Components Datasheet Search
  English  ▼

X  

DTC4 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DTC4
Description  DIL Pitch PCB mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC4 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DTC4 Datasheet HTML 1Page - American Electronic Components, inc DTC4 Datasheet HTML 2Page - American Electronic Components, inc DTC4 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC4
subminiature pcb signal relay
Coil Data
Table 1
Coil Voltage
Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
1003
3
64.3
140
2.25
0.3
7.5
1005
5
178
140
3.75
0.5
12.5
1006
6
257
140
4.50
0.6
15.0
1009
9
579
140
6.75
0.9
22.5
1012
12
1028
140
9.00
1.2
30.0
1024
24
2880
200
18.00
2.4
48.0
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
T
C
4
-
6
2
1
2
-
8
5
-
Contact material
see Tables 1, 2 & 3
62
-
AgPd + Au plate (2um)
Contact arrangement
12
-
DPDT (2 C/O)
Cover protection category
8
-
in cover, sealed - IP64
Connection mode
5
-
for PCB
M
-
for surface mount
Ref: DTC4 072512JHM
Coil Data - 1 Coil Latching
Table 2
Coil Voltage
Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Set
Voltage max.
(VDC)
Must Reset
Voltage max.
(VDC)
Max. Allowable
Voltage (VDC)
SL03
3
90
100
2.25
2.25
8.7
SL05
5
250
100
3.75
3.75
14.5
SL06
6
360
100
4.50
4.50
17.4
SL09
9
810
100
6.75
6.75
26.1
SL12
12
1440
100
9.00
9.00
34.8
SL24
24
3840
150
18.00
18.00
57.6
Coil Data - 2 Coil Latching
Table 3
Coil Voltage
Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Set
Voltage max.
(VDC)
Must Reset
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
TL03
3
45/45
200
2.25
2.25
8.7
TL05
5
125/125
200
3.75
3.75
14.5
TL06
6
180/180
200
4.50
4.50
17.4
TL09
9
405/405
200
6.75
6.75
26.1
TL12
12
720/720
200
9.00
9.00
34.8
TL24
24
1920/1920
300
18.00
18.0
57.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com