Electronic Components Datasheet Search
  English  ▼

X  

DTC4 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DTC4
Description  DIL Pitch PCB mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC4 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DTC4 Datasheet HTML 1Page - American Electronic Components, inc DTC4 Datasheet HTML 2Page - American Electronic Components, inc DTC4 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC4
subminiature pcb signal relay
Contacts
Contact number & arrangement
DPDT ( 2 Changeover); 2 Form C
Contact material
AgPd + Au plate (0.2um) on stationary contact
Max. switching voltage
AC/DC 250VAC, 220VDC
Min. switching current / voltage
0.01mA/10mVDC
Rated load (resistive - cos φ=1)
AC1 0.5A, 125VAC
DC1 1A, 30VDC
Max. switching power
62.5VA / 30W
Initial resistance
≤ 50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil tables 1, 2 & 3
Rated power consumption
DC 0.14W / 0.10W (single coil latch) / 0.20W (twin coil latch)
Insulation
Insulation resistance
≥1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 1000Vrms, 1min
contact to contact 1000Vrms, 1min
pole to pole 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 2
Release time (typical)
mS ≤1 / ≤2 (latching)
Electrical Life
ops 2 x 105 (1A/30VDC) / 2 x 105 (0.5a/125VAC)
Mechanical life
ops 1 x 108
Dimensions
L x W x H 14 x 9 x 5mm / 14.2 x 9.3 x 5.3 (smt type)
Weight
≤ 1.5g
Ambient temperature
through hole -40... 70°C
smt -40... 85°C
Shock resistance
Functional: 50g 11mS; Destructive: 100g
Vibration resistance
DA 3mm 10-55Hz
• subminiature - only 14 x 9 x 5mm
• Up to 1A /24VDC rating
• DIL Pitch PCB mounting
• Surface Mount & Latching options
• RoHS Compliant
Ref: DTC4 072512JHM


Similar Part No. - DTC4

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DTC4-6212-85-1003 DURAKOOL-DTC4-6212-85-1003 Datasheet
863Kb / 3P
Sub Miniature PCB Signal Relay
DTC4-6212-85-1005 DURAKOOL-DTC4-6212-85-1005 Datasheet
863Kb / 3P
Sub Miniature PCB Signal Relay
DTC4-6212-85-1009 DURAKOOL-DTC4-6212-85-1009 Datasheet
863Kb / 3P
Sub Miniature PCB Signal Relay
DTC4-6212-85-1012 DURAKOOL-DTC4-6212-85-1012 Datasheet
863Kb / 3P
Sub Miniature PCB Signal Relay
DTC4-6212-85-1024 DURAKOOL-DTC4-6212-85-1024 Datasheet
863Kb / 3P
Sub Miniature PCB Signal Relay
More results

Similar Description - DTC4

ManufacturerPart #DatasheetDescription
logo
FCI connector
69830-014LF FCI-CONNECTOR-69830-014LF Datasheet
115Kb / 1P
QUICKIE DIL PCB CONNECTOR
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
PCB-mounting filter
logo
Marl International Limi...
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
PCB MOUNTING LED
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
PCB MOUNTING LED
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
PCB MOUNTING LED
104-505-01 MARL-104-505-01_15 Datasheet
197Kb / 2P
PCB MOUNTING LED
103-305-01 MARL-103-305-01_15 Datasheet
210Kb / 2P
PCB MOUNTING LED
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
PCB-mounting filter
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
PCB Connector Mounting, Mounting Hardware
11/01/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com