Electronic Components Datasheet Search
  English  ▼

X  

HHC71G Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # HHC71G
Description  Dust Cover as standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71G Datasheet(HTML) 3 Page - American Electronic Components, inc

  HHC71G Datasheet HTML 1Page - American Electronic Components, inc HHC71G Datasheet HTML 2Page - American Electronic Components, inc HHC71G Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HHC71G
High power industrial relays
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Specifications are subject to change without notice. E&OE.
HHC71G 301008
Page 3 of 3
Ordering Codes
H
H
C
71 G - 7
0
- 6
8 -
Type
Contact
Material
Contact
Number &
Arrangement
Cover Protection Category
Terminal Type
Coil
Code
See Tables 1 & 2
Contact Material
70
- AgSnO2
Contact Number & Arrangement
11
- SPDT (1C/O)
21
- SPST-NO (1N/O)
31
- SPST-NC (1N/C)
Cover Protection Category
6
- Cover, IP20
Connection / Terminal Mode
8
- Screw Terminals + QC Terminals for coil
Overall Dimensions
Reference Graphs
Fig. 2
Fig. 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com