Electronic Components Datasheet Search
  English  ▼

X  

HHC71G Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # HHC71G
Description  Dust Cover as standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71G Datasheet(HTML) 1 Page - American Electronic Components, inc

  HHC71G Datasheet HTML 1Page - American Electronic Components, inc HHC71G Datasheet HTML 2Page - American Electronic Components, inc HHC71G Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contacts
Number and type of contacts
SPST-NO, SPST-NC, SPDT
Contact Material
Silver Alloy
Rated voltage / max. switching voltage
250VAC / 24VDC
Max. breaking capacity
60A
Coil
Rated voltage 50/60Hz
AC
6...380V - See Table 2
DC 6...110V - See Table 1
Rated power consumption
AC 6.5VA
DC 2W
Insulation
Insulation resistance
500MΩ 500VDC
Dielectric strength
•
between coil and contacts
2500VAC
•
Between contacts
1500VAC
General Data
Ambient temperature:
(operating / storage) -40°C to +70°C
Operating time (typical)
≤ 25ms
Release time (typical)
≤ 25ms
Electrical life:
(resistive AC1 ) 5 x 104
Mechanical life (cycles)
1 x 106
Cover protection category
IP20
Shock resistance
Functional 10G; Destruction 100G
Vibration resistance
10-55Hz at D.A 1.5mm
Weight (approx)
180g
HHC71G
High power industrial relays
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Specifications are subject to change without notice. E&OE.
HHC71G 301008
Page 1 of 3
•
Up to 60A switching capability
•
DIN Rail or Screw Mounting
•
AC & DC Coils
•
Dust Cover as standard
•
RoHS Compliant
•
UL Recognized


Similar Part No. - HHC71G

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
More results

Similar Description - HHC71G

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
Photointerrupter with Dust Cover
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
DUST COVER FEMALE D-SUB
DCM-XX ADAM-TECH-DCM-XX Datasheet
104Kb / 1P
DUST COVER MALE D-SUB
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
SFP DUST COVER
logo
TE Connectivity Ltd
C-2317857 TEC-C-2317857 Datasheet
112Kb / 1P
EMI AND DUST COVER, OSFP
logo
NorComp
850103M-DC NORCOMP-850103M-DC Datasheet
56Kb / 1P
M5 SERIES-MALE DUST COVER
Rev.01 12-05-14
850203M-DC NORCOMP-850203M-DC Datasheet
55Kb / 1P
M5 SERIES-FEMALE DUST COVER
Rev.02 12-05-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com