Electronic Components Datasheet Search
  English  ▼

X  

ADA4096-2ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4096-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADA4096-2/ADA4096-4
Figure 44. Small Signal Transient Response
Figure 45. Positive Overload Recovery
Figure 46. Negative Overload Recovery
0.08
0
5
10
15
20
25
30
–0.10
–0.08
–0.06
–0.02
–0.04
0
0.02
0.04
0.06
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RL = 10kΩ
CL = 100pF
G = +1
16
12
14
10
8
6
4
2
0
20
40
60
80
100
0
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RF = 10kΩ
RS = 100Ω
0
–4
–2
–6
–8
–10
–12
–14
0
20
40
60
80
100
–16
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RF = 10kΩ
RS = 100Ω
Rev. F | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com