Electronic Components Datasheet Search
  English  ▼

X  

ADA4096-2ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4096-2ARMZ
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4096-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4096-2ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADA4096-2/ADA4096-4
THEORY OF OPERATION
INPUT STAGE
Figure 53. Simplified Schematic, ADA4096-2
Figure 53 shows a simplified schematic of the ADA4096-2. The
input stage comprises two differential pairs (Q1 to Q4 and Q5
to Q8) operating in parallel. When the input common-mode
voltage approaches VCC − 1.5 V, Q1 to Q4 shut down as I1
reaches its minimum voltage compliance. Conversely, when the
input common-mode voltage approaches VEE + 1.5 V, Q5 to Q8
shut down as I2 reaches its minimum voltage compliance. This
topology allows for maximum input dynamic range because the
amplifier can function with its inputs at 200 mV outside the rail
(at room temperature).
As with any rail-to-rail input amplifier, VOS mismatch between
the two input pairs determines the CMRR of the amplifier. If
the input common-mode voltage range is kept within 1.5 V of
each rail, transitions between the input pairs are avoided, thus
improving the CMRR by approximately 10 dB (see Table 3 and
Table 4).
PHASE INVERSION
Some single-supply amplifiers exhibit phase inversion when
the input signal extends beyond the common-mode voltage
range of the amplifier. When the input devices become
saturated, the inverting and noninverting inputs exchange
functions, causing the output to move in the opposing
direction.
Although phase inversion persists for only as long as the inputs
are saturated, it can be detrimental to applications where the
amplifier is part of a closed-loop system. The ADA409x family
is free from phase inversion over the entire common-mode
voltage range, as well as the overvoltage protected range that is
stated in the Absolute Maximum Ratings section, Table 5.
Figure 54 shows the ADA4096-2 in a unity-gain configuration
with the input signal at ±40 V and the amplifier supplies at
±10 V.
Figure 54. No Phase Reversal
R6
VCC
+IN
–IN
VEE
OVP
OVP
OUT
R7
D10
Q20
Q19
D11
Q16
D7
Q15
D8
Q14
Q17
Q10
Q13
Q18
D9
×1
I3
R2
R1
R3
R4
C2
Q12
D6
R5
Q9
Q11
Q6
Q8
Q7
Q5
Q4
Q3
Q1
Q2
I2
I1
C1
D3
D1
D4
D2
CH1 10.0V
CH2 10.0V
M2.00ms
A CH1
–3.6V
T
34.20%
1
T
Rev. F | Page 19 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com