Electronic Components Datasheet Search
  English  ▼

X  

LM3570 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3570 Datasheet HTML 5Page - National Semiconductor (TI) LM3570 Datasheet HTML 6Page - National Semiconductor (TI) LM3570 Datasheet HTML 7Page - National Semiconductor (TI) LM3570 Datasheet HTML 8Page - National Semiconductor (TI) LM3570 Datasheet HTML 9Page - National Semiconductor (TI) LM3570 Datasheet HTML 10Page - National Semiconductor (TI) LM3570 Datasheet HTML 11Page - National Semiconductor (TI) LM3570 Datasheet HTML 12Page - National Semiconductor (TI) LM3570 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information
PRE-REGULATION
The very low input current ripple of the LM3570, resulting
from internal pre-regulation, adds very little noise to the input
line. The core of the LM3570 is very similar to that of a basic
3/2 switched capacitor regulator: it is composed of seven
switches and two flying capacitors (external). Regulation is
achieved by modulating the on-resistance of the three
switches connected to the input pin (one switch in phase one
and two in phase two). The regulation is done before the
voltage “gain stage”, giving rise to the term "pre-regulation".
Pre-regulation eliminates most of the input current ripple that
is a typical and undesirable characteristic of many switched
capacitor converters.
TOTAL OUTPUT CURRENT CAPABILITY
The LM3570 is capable of providing a total output current of
80mA. The 80mA can be divided through any combination of
the three dedicated current outputs and/or current drawn
from the V
OUT output. When pulling current from the VOUT
pin, the LM3570 will hold the output voltage at the regulated
4.35V. This pre-regulation occurs when the input voltage is
within the 3.0V to 5.5V operating range. If the input voltage is
between the 2.7V to 3.0V range, the V
OUT voltage will be-
have in the same manner as the output of an unregulated
charge pump. During operation in this input voltage range,
the output voltage becomes directly related to the total out-
put current drawn from the part and the output resistance
(R
OUT) of the charge pump. Figure 1 displays how the
LM3570’s R
OUT is modeled to solve for the VOUT voltage
V
OUT =(VINx1.5)-((IDx-Total+IOUT)xROUT)
where 2.7V
≤ V
IN < 3.0V and ROUT=4
Ω
Dx OUTPUT CURRENT CAPABILITY
An external resistor, R
SET, is connected to the ISET pin to set
the current to be mirrored in each of the three LED outputs.
The internal current mirror sets each LED output current with
a 100:1 ratio to the current through R
SET. The current mirror
circuitry matches the current through each LED to within
0.5%. An equation for approximating the LED current is:
R
SET=100 x (1.25V / IDX)
PARALLEL Dx OUTPUTS FOR INCREASED CURRENT
CAPABILITY
Outputs D
1 through D3 may be connected together in any
combination to drive higher currents through fewer LEDs.
For example in Figure 2, outputs D
2 and D3 are connected
together to drive one LED while D
1 is connected to a seper-
ate LED.
With this configuration, two parallel current sources of equal
value provide current to one of the LEDs. R
SET should
therefore be chosen so that the current through each output
is programmed to 50% of the desired current through the
parallel connected LED. For example, if 40mA is the desired
drive current for the parallel connected LED, R
SET should be
selected so that the current through each of the outputs is
20mA. Other combinations of parallel outputs may be imple-
mented in similar fashions, such as in Figure 3.
Connecting outputs in parallel does not affect internal opera-
tion of the LM3570 and has no impact on the Electrical
20085004
FIGURE 1. LM3570 Charge Pump Model
20085007
FIGURE 2. One Parallel Connected and One Singular
Connected LED
20085006
FIGURE 3. One Parallel Connected LED
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com