Electronic Components Datasheet Search
  English  ▼

X  

LM3570 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3570 Datasheet HTML 5Page - National Semiconductor (TI) LM3570 Datasheet HTML 6Page - National Semiconductor (TI) LM3570 Datasheet HTML 7Page - National Semiconductor (TI) LM3570 Datasheet HTML 8Page - National Semiconductor (TI) LM3570 Datasheet HTML 9Page - National Semiconductor (TI) LM3570 Datasheet HTML 10Page - National Semiconductor (TI) LM3570 Datasheet HTML 11Page - National Semiconductor (TI) LM3570 Datasheet HTML 12Page - National Semiconductor (TI) LM3570 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Information (Continued)
their high ESR, as compared to ceramic capacitors. For
most applications, ceramic capacitors with X7R or X5R tem-
perature characteristic are preferred for use with the
LM3570. These capacitors have tight capacitance tolerance
(as good as ±10%), and hold their value over temperature
(X7R: ±15% over -55˚C to 125˚C; X5R: ±15% over -55˚C to
85˚C). Capacitors with Y5V and/or Z5U temperature charac-
teristic are generally not recommended. These types of ca-
pacitors typically have wide capacitance tolerance (+80%,
-20%), vary significantly over temperature (Y5V: +22%,
-82% over -30˚C to +85˚C range; Z5U: +22%, -56% over
+10˚C to +85˚C range), and have poor voltage coefficients.
Under some conditions, a nominal 1µF Y5V or Z5U capacitor
could have a capacitance of only 0.1µF. Such detrimental
deviation is likely to cause these Y5V and Z5U of capacitors
to fail to meet the minimum capacitance requirements of the
LM3570.
POWER DISSIPATION
The maximum allowable power dissipation that this package
is capable of handling can be determined as follows:
P
DMax =(TJMax -TA)/
θ
JA
Where T
JMAX is the maximum junction temperature, TA is the
ambient temperature, and
θ
JA
is the junction-to-ambient
thermal resistance of the specified package. The LM3570
comes in the LLP-14 package that has a junction-to-ambient
thermal resistance (
θ
JA) equal to 45˚C/W. This value of
θ
JA is
highly dependant upon the layout of the PC board (See the
PCB Layout Considerations section of this datasheet for
more information). The actual power dissipated by the
LM3570 follows the equation:
P
DISS=(VINxIIN) - (N(VDX xIDX)-(VOUTxIOUT))
Where N equals the number of active outputs, V
DX is the
LED forward voltage, I
DX is the current supplied to the diode
by the Dx outputs, V
OUT is the LM3570 output voltage (typ. =
4.35V), and I
OUT is the current draw directly from the LM370
charge pump. Power dissipation must be less than that
allowed by the package. Please refer to the Absolute Maxi-
mum Rating of the LM3570.
THERMAL PROTECTION
The LM3570 has internal thermal protection circuitry to dis-
able the part if the junction temperature exceeds 150˚C. This
feature will protect the device from damage due to excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below 140˚C. It is
important to have good thermal conduction with a proper
layout to reduce thermal resistance.
PCB LAYOUT CONSIDERATIONS
The LLP is a leadframe based Chip Scale Package (CSP)
with very good thermal properties. This package has an
exposed DAP (die attach pad) at the center of the package
measuring 3.0mm x 1.6mm. The main advantage of this
exposed DAP is to offer lower thermal resistance when it is
soldered to the thermal land on the PCB. For PCB layout,
National highly recommends a 1:1 ratio between the pack-
age and the PCB thermal land. To further enhance thermal
conductivity, the PCB thermal land may include vias to a
ground plane. For more detailed instructions on mounting
LLP packages, please refer to National Semiconductor Ap-
plication Note AN-1187.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com