Electronic Components Datasheet Search
  English  ▼

X  

LMV115 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV115
Description  GSM Baseband 30MHz 2.8V Oscillator Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV115 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV115 Datasheet HTML 5Page - National Semiconductor (TI) LMV115 Datasheet HTML 6Page - National Semiconductor (TI) LMV115 Datasheet HTML 7Page - National Semiconductor (TI) LMV115 Datasheet HTML 8Page - National Semiconductor (TI) LMV115 Datasheet HTML 9Page - National Semiconductor (TI) LMV115 Datasheet HTML 10Page - National Semiconductor (TI) LMV115 Datasheet HTML 11Page - National Semiconductor (TI) LMV115 Datasheet HTML 12Page - National Semiconductor (TI) LMV115 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Section (Continued)
part itself, adding its own high frequency properties to the
overall performance of the circuit. It is good practice to have
at least one ground plane on a PCB giving a low impedance
path for all decoupling and other ground connections. In
order to achieve high immunity for unwanted signals from
outside, it is important to place the components as flat as
possible on the PCB. Be aware that a long lead can act as
an inductor, a capacitor or an antenna. A pair of leads can
even form a transformer. Careful design of the PCB avoids
oscillations or other unwanted behavior. Another important
issue is the value of components, which also determines the
sensitivity to pick-up unwanted signals. Choose the value of
resistors as low as possible, but avoid using values that
causes a significant increase in power consumption, while
loading inputs or outputs to heavily.
NSC suggests the following evaluation board as a guide for
high frequency layout and as an aid in device testing and
characterization.
Device
Package
Evaluation Board
PN
LMV115
SC70-6
LMV115/117 Eval
Board
This free evaluation board is shipped when a device sample
request is placed with National Semiconductor.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com