Electronic Components Datasheet Search
  English  ▼

X  

ACTF2091 Datasheet(PDF) 5 Page - Advanced Crystal Technology

Part # ACTF2091
Description  SAW Filter for Base Station Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2091 Datasheet(HTML) 5 Page - Advanced Crystal Technology

  ACTF2091 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 4Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 5Page - Advanced Crystal Technology ACTF2091 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Iss1 C1u,
Date 13-7-2011
Electrical Characteristics
(@25°C)
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
--
140.0
--
MHz
Insertion Loss (@140.00MHz)
--
9.3
11.0
IL
dB
1dB Bandwidth
Lower 1dB Band edge
Upper 1 dB Band edge
149.2
20.4
129.7
150.4
--
BW1
130.8
MHz
3dB Bandwidth
Lower 3dB Band edge
Upper 3 dB Band edge
BW3
149.8
21.6
129.3
150.9
--
130.2
MHz
35dB Bandwidth
Lower 35 dB Band edge
Upper 35 dB Band edge
BW35
126.8
24.4
128.0
152.4
153.2
MHz
Pass band ripple(over the 1 dB bandwidth)
--
0.5
0.8
dB
Relative Attenuation
10-90MHz
90-120MHz
120-126.8MHz
153.2-160MHz
160-190MHz
190-800MHz
--
35
40
35
35
40
35
--
55
53
45
39
49
58
dB
Input VSWR
2.0
2.5
Output VSWR
1.8
2.3
Source/Load Impedance
50
RoHS Compliant
Electrostatic Sensitive Device
Stability Characteristics
Test item
Condition of test
1
Mechanical shock
(a) Drops: 3 times on concrete floor
(b) Height: 1.0 m
2
Vibration resistance
(a) Frequency of vibration: 10~55Hz
(b) Amplitude: 1.5 mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
(a) Condition: 40°C, 90~95% R.H.
(b) Duration: 96 hours
3
Moisture resistance
(c) Wait 4 hours before measurement
(a) +70°C for 16 hours
(b) +55°C for 24 hours, 90~95% R.H.
4
Climatic sequence
(c) -25°C for 2 hours
(d) +40°C for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High temperature exposure
(a) Temperature: 70°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Thermal impact
(a) +70°C for 30 minutes
 -25°C for 30 minutes repeated 3 times
(b) Wait 4 hours before measurement
Requirements:
The SAW filter shall remain within the electrical specifications after tests.
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com